Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4657 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4657
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices LTM4657 Datasheet HTML 11Page - Analog Devices LTM4657 Datasheet HTML 12Page - Analog Devices LTM4657 Datasheet HTML 13Page - Analog Devices LTM4657 Datasheet HTML 14Page - Analog Devices LTM4657 Datasheet HTML 15Page - Analog Devices LTM4657 Datasheet HTML 16Page - Analog Devices LTM4657 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
13 of 38
Figure 16. Steady-State Output Voltage Ripple
THEORY OF OPERATION
LTM4640 Overview
The LTM4640 is a standalone non-isolated switch mode DC-to-DC power supply. The LTM4640 can deliver up to 20A
DC output current with few external input and output capacitors. This µModule provides precisely regulated output
voltage adjustable between 0.6V to 3.3V through one external resistor over an input voltage range of 3.1V to 20V. A
typical application schematic is shown in Figure 37.
The LTM4640 contains an integrated controlled on-time valley current mode controller, the power MOSFETs, an
inductor, and other supporting discrete components. The default switching frequency is 600kHz. For noise-
sensitive applications, the switching frequency can be adjusted by external resistors, and the μModule regulator
can be externally synchronized to a clock within ±30% of the set frequency. See the Applications Information section
for details.
With current mode control and internal feedback loop compensation, the LTM4640 has sufficient stability margins
and good transient performance with a wide range of output capacitors, even with all the ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current limiting. Internal output overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if the output feedback voltage exits a ±8% window around the
regulation point. Continuous operation is forced during overvoltage and undervoltage conditions, except during
startup when the TRACK pin is ramping up to 0.6V.
Furthermore, to protect the internal power MOSFET devices against transient voltage spikes, the LTM4640
constantly monitors the VIN pin for an overvoltage condition. When VIN rises above 24.5V, the regulator suspends
operation by shutting off both power MOSFETs. Once VIN drops below 21.5V, the regulator immediately resumes
normal operation. The regulator does not execute its soft start function when exiting an overvoltage condition.
A multiphase operation can easily be employed with the synchronization and phase mode controls. Up to four
phases can be cascaded to run simultaneously with respect to each other by programming the PHMODE pin to
VIN = 12V, VOUT = 1.5V, fSW = 800kHz, NO LOAD, CCM
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF
20MHz BANDWIDTH LIMIT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com