Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4657 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4657
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices LTM4657 Datasheet HTML 26Page - Analog Devices LTM4657 Datasheet HTML 27Page - Analog Devices LTM4657 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
24 of 38
To obtain a linear voltage proportional to the temperature, we cancel the IS variable in the natural logarithm term
to remove the IS dependency from Equation 15. This is accomplished by measuring the diode voltage at two
currents: I1 and I2, where I1 = 10 × I2, and subtracting is given in Equation 16.
∆������������ = ������(������������������������������������) × ������������ × ������������
������1
������������
− ������(������������������������������������) × ������������ × ������������
������2
������������
(16)
Combining like terms, and then simplifying the natural log terms yields Equation 17.
∆������������ = ������(������������������������������������) × ������������ × ������������(10)
(17)
and redefining the constant is given in Equation 18.
������′������ = ������������ × ������������(10) =
198������������
������
(18)
yields Equation 19.
∆������������ = ������′������ × ������(������������������������������������)
(19)
Equation 20 solves for temperature.
������(������������������������������������) =
∆������������
������′������
������(°������������������������������������������) = ������(������������������������������������) − 273.15
(20)
Where 300.15K = 27°C is an example.
If we take the difference in voltage across the diode measured at two currents with a ratio of 10, the resulting
voltage is 198μV per Kelvin of the junction with a zero intercept at 0 Kelvin.
The internal diode-connected NPN transistor between TSENSE+ and TSENSE– pins is used to monitor the internal
temperature of the LTM4640.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configurations and Function Descriptions section are consistent with
those parameters defined by JESD5112 and are intended for use with finite element analysis (FEA) software
modeling tools that leverage the outcome of thermal modeling, simulation, and correlation to hardware evaluation
performed on a µModule package mounted to a hardware test board. The motivation for providing these thermal
coefficients is found in JESD5112 (Guidelines for Reporting and Using Electronic Package Thermal Information).
Many designers may use laboratory equipment and a test vehicle, such as an evaluation (demo) board, to
anticipate the µModule regulator’s thermal performance in their application at various electrical and
environmental operating conditions to complement any FEA activities. Without FEA software, the thermal
resistances reported in the Pin Configurations and Function Descriptions section are, in and of themselves, not
relevant to providing guidance on thermal performance; instead, the derating curves provided in Figure 29 through
Figure 34 can be used in a manner that yields insight and guidance about the user’s application and can be adapted
to correlate thermal performance to the user’s application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com