Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4657 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4657
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 17Page - Analog Devices LTM4657 Datasheet HTML 18Page - Analog Devices LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
21 of 38
From Equation 8, we could easily find that, in coincident tracking, the subordinate regulator’s TRACK/SS pin
resistor divider is always the same as its feedback divider (Equation 9).
������������������(������������������)
������������������(������������������) + 10������Ω
=
������������������(������������������)
������������������(������������������) + ������������������(������������������)
(9)
For example, RTR(TOP) = 10kΩ and RTR(BOT) = 10kΩ is a good combination for coincident tracking for a VOUT(MAIN)= 1.5V
and VOUT(SUB)= 1.2V application.
Power Good
The PGOOD pin is an open-drain pin that can be used to monitor valid output voltage regulation. This pin is pulled
low when the output voltage exceeds a ±8% window around the regulation point. To prevent unwanted PGOOD
glitches during transients or dynamic VOUT changes, the LTM4640’s PGOOD falling edge includes a blanking delay
of approximately 25 switching cycles.
RUN Enable
Pulling the RUN pin to ground forces the LTM4640 into the shutdown state, turning off both power MOSFETs and
most of its internal control circuitry. Bringing the RUN pin above 0.6V turns on the internal reference only, while
keeping the power MOSFETs off. Increasing the RUN pin voltage above 1.35V turns on the entire device.
Prebiased Output Startup
There may be situations that require the power supply to start up with some charge on the output capacitors. The
LTM4640 can safely power up into a prebiased output without discharging it.
The LTM4640 accomplishes this by forcing discontinuous-conduction mode (DCM) operation until the TRACK/SS
pin voltage reaches 0.6V reference voltage. This prevents the bottom FET from turning on during the prebiased
output startup, which would discharge the output.
SW Pins and Optional Snubber Circuit
The SW pin is generally for testing purposes. The SW pin can also be used to dampen out switch node ringing
caused by the LC parasitic in the switched current path using a series R-C snubber circuit. The resistor dampens the
resonance, and the capacitor is chosen to only affect the high-frequency ringing across the resistor. The snubber
circuit is optional, as the LTM4640 can operate well with proper PCB layout. If needed, below are suggestions
regarding snubber circuit design.
If the stray inductance or capacitance can be measured or approximated, then it is possible to use an analytical
technique to select the snubber values. The inductance is usually easier to predict. It combines the power path
board inductance in combination with the MOSFET interconnect bond wire inductance.
First, the SW pin is monitored with a wide bandwidth scope with a high frequency scope probe. The ring frequency
is measured for its value. The impedance ZL is calculated with Equation 10.
������������ = 2π × f × L
(10)
where f is the resonant frequency of the ring, and L is the total parasitic inductance in the switch path. If a resistor is
selected that is equal to ZL, then the ringing should be dampened. The snubber capacitor value is chosen so that its
impedance is equal to the resistor at the ring frequency. This is calculated with Equation 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com