Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Solid-state Multi-functional Timer
H3CR-A
B-121
Gate Signal Input
D:
Signal OFF-
delay
E:
Interval
G:
Signal ON/
OFF-
delay
J:
One-shot out-
put
Operating
mode
Timing chart
t
Basic operation
Power
Output
Output relay (NC)
Power indicator
Power
Start
Reset
Output relay (NO)
(Output indicator)
Start
(see note)
Note: Start input is valid and
re-triggerable while the
Timer is in operation.
t
Power
Start
Reset
Output relay (NC)
Power indicator
Power
Output
Output relay (NO)
(Output indicator)
Basic operation
Start
(see note)
Note: Start input is valid and
re-triggerable while
the Timer is in opera-
tion.
t
t
t
t
Basic operation
Power
Output
Power
Start
Reset
Output relay (NC)
Power indicator
Output relay (NO)
(Output indicator)
Start
(see note)
Note: Start input is valid and re-triggera-
ble while the Timer is in operation.
t
Basic operation
Output
Power
Power
Start
Reset
Output relay (NC)
Power indicator
Output relay (NO)
(Output indicator)
1
±0.6 s
(Fixed)
1
±0.6 s
(Fixed)
Start
(see note)
1
±0.6 s
(Fixed)
Note: Start input is valid and re-
triggerable while the Timer
is in operation.
t1
t2
Power
Start
Gate
Reset
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Output
relay
Note: 1. This timing chart indicates the gate input in op-
erating mode A (ON-delay operation).
2. The set time is the sum of t1 and t2.
3. H3CR-AP model incorporates start input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com