Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 4 Page - Omron Electronics LLC

  P2CF-08 Datasheet HTML 1Page - Omron Electronics LLC P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
B-112
Solid-state Multi-functional Timer
H3CR-A
I Time Ranges
Note: When the time setting knob is turned below “0” until the point where the time setting knob stops, the output will operate instantaneously at
all time range settings.
Standard (0.05-s to 300-h) Models
Double (0.1-s to 600-h) Models
I Ratings
Note: 1. DC ripple rate: 20% max. if the power supply incorporates a single-phase, full-wave rectifier.
2. Each 24-to-48-VAC/12-to-48-VDC model causes an inrush current of approximately 0.85 A. Pay careful attention when attempting to turn
ON power to such a model with non-contact output from a device such as a sensor.
3. The values are for when the terminals 2 and 7 and terminals 10 and 6 are short-circuited, and include the consumption current of the
input circuit.
Time unit
s (sec)
min (min)
h (hrs)
x10 h (10 h)
Full scale set-
ting
1.2
0.05 to 1.2
0.12 to 1.2
1.2 to 12
3
0.3 to 3
3 to 30
12
1.2 to 12
12 to 120
30
3 to 30
30 to 300
Time unit
s (sec)
min (min)
h (hrs)
x10 h (10 h)
Full scale set-
ting
2.4
0.1 to 2.4
0.24 to 2.4
2.4 to 24
6
0.6 to 6
6 to 60
24
2.4 to 24
24 to 240
60
6 to 60
60 to 600
Rated supply voltage (see note 1)
100 to 240 VAC (50/60 Hz)/100 to 125 VDC, 24 to 48 VAC (50/60 Hz)/12 to 48 VDC (24 to 48 VAC/VDC for H3CR-
A8E) (see note 2)
Operating voltage range
85% to 110% of rated supply voltage (90% to 110% at 12 VDC)
Power reset
Minimum power-opening time: 0.1 s
Input
No-voltage Input
ON impedance:
1 k
Ω max.
ON residual voltage:
1 V max.
OFF impedance:
100 k
Ω min.
Voltage Input
Max. permissible capacitance between inputs lines (terminals 6 and 7): 1,200 pF
Load connectable in parallel with inputs (terminals 6 and 7).
• 100 to 240 VAC/100 to 125 VDC
High (logic) level:
85 to 264 VAC/85 to 137.5 VDC
Low (logic) level:
0 to 10 VAC/0 to 10 VDC
• 24 to 48 VAC/12 to 48 VDC
High (logic) level:
20.4 to 52.8 VAC/10.8 to 52.8 VDC
Low (logic) level:
0 to 2.4 VAC/0 to 1.2 VDC
Power consumption
H3CR-A/-A8
• 100 to 240 VAC/100 to 125 VDC
(When at 240 VAC, 60 Hz)
Relay ON: approx. 2.0 VA (1.6 W)
Relay OFF: approx. 1.3 VA (1.1 W)
• 24 to 48 VAC/12 to 48 VDC
(When at 24 VDC)
Relay ON: approx. 0.8 W
Relay OFF: approx. 0.2 W
H3CR-AP (see note 3)
• 100 to 240 VAC/100 to 125 VDC
(When at 240 VAC, 60 Hz)
Relay ON: approx. 2.5 VA (2.2 W)
Relay OFF: approx. 1.8 VA (1.7 W)
• 24 to 48 VAC/12 to 48 VDC
(When at 24 VDC)
Relay ON: approx. 0.9 W
Relay OFF: approx. 0.3 W
H3CR-A8E
• 100 to 240 VAC/100 to 125 VDC
(When at 240 VAC, 60 Hz)
Relay ON/OFF: approx. 2 VA (0.9 W)
• 24 to 48 VAC/VDC
(When at 24 VDC)
Relay ON/OFF: approx. 0.9 W
H3CR-AS/-A8S
• 24 to 48 VAC/12 to 48 VDC
(When at 24 VDC)
Output ON: 0.3 W Output OFF: 0.2 W
Control outputs
Time limit contacts:
5 A at 250 VAC/30 VDC, 0.15 A at 125 VDC, resistive load (cos
φ = 1)
Transistor output:
Open collector (NPN/PNP), 100 mA max. at 30 VDC max.,
residual voltage: 2 V max.
Instantaneous contact:
5 A at 250 VAC/30 VDC, 0.15 A at 125 VDC, resistive load (cos
φ = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com