Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC P2CF-08 Datasheet HTML 21Page - Omron Electronics LLC P2CF-08 Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
B-126
Solid-state Multi-functional Timer
H3CR-A
Application Examples (H3CR-A)
A Mode: ON-delay
ON-delay operation (A mode) is a basic mode.
1. Power-ON Start/Power-OFF Reset
The Power-ON start/Power-OFF reset operation is a standard oper-
ating method.
2. Signal Start/Signal Reset
The Signal start/Signal reset operation is useful for remote control of
the Timer.
3. Control of Integrated Time with Gate
Signal
With a gate signal, the Power-ON start operation and Signal start
operation can be controlled (the operation can be interrupted).
B/B2 Mode: Flicker
The flicker operation in the B and B2 modes can be effectively
applied to lamp or buzzer (ON and OFF) alarms or the monitoring of
an intermittent operation with a display.
1. Power-ON Start/Power-OFF Reset (in B
Mode)
t
Power (2 and 10)
Start (2 and 6)
Power indicator
Flashing
Lit
Externally short-circuited
Control output: NC (8 and 11)
NC (1 and 4)
Control output: NO (9 and 11)
NO (1 and 3)
Power
supply
t
Reset (2 and 7)
Power (2 and 10)
Start (2 and 6)
Power indicator
Flashing
Lit
Reset (2 and 7)
Lit
(Power continuously supplied)
Start signal (remote control possible)
Reset signal
(remote control possible)
Control output: NC (8 and 11)
NC (1 and 4)
Control output: NO (9 and 11)
NO (1 and 3)
Power
supply
t1
t2
Power (2 and 10)
Start (2 and 6)
Power indicator
Flashing
Lit
Gate (2 and 5)
t1 + t2: set time
Control output: NC (8 and 11)
NC (1 and 4)
Control output: NO (9 and 11)
NO (1 and 3)
Gate signal (The operation is interrupted with the
gate signal if the Timer detects an abnormal signal.)
Externally
short-circuited
Power
supply
Power (2 and 10)
Start (2 and 6)
Power indicator
Flashing
Externally short-circuited
Control output: NC (8 and 11)
NC (1 and 4)
Control output: NO (9 and 11)
NO (1 and 3)
Power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com