Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC00ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC00ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVC00A
PARAMETER
TEST CONDITIONS
VCC
–55
°C to 125°C
UNIT
MIN
MAX
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
10
µA
∆I
CC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
over recommended operating free-air temperature range (unless otherwise noted)
SN74LVC00A
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
VCC – 0.2
VCC – 0.3
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.55
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
IOL = 100 µA
1.65 V to 3.6 V
0.1
0.2
0.3
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.85
V
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
µA
VI = VCC or GND,
ICC
3.6 V
1
10
40
µA
IO = 0
One input at
VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
5000
µA
Other inputs at
VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com