Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC00ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC00ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54LVC00A . . . J OR W PACKAGE
SN74LVC00A . . . D, DB, NS, OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LVC00A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC00A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
DESCRIPTION/ORDERING INFORMATION
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
•
Operate From 1.65 V to 3.6 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
Specified From –40
°C to 85°C, –40°C to 125°C,
and –55
°C to 125°C
•
ESD Protection Exceeds JESD 22
•
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
•
Max t
pd of 4.3 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
Typical V
OLP (Output Ground Bounce)
– 1000-V Charged-Device Model (C101)
<0.8 V at V
CC = 3.3 V, TA = 25°C
xxxxxx
xxxxxx
•
Typical V
OHV (Output VOH Undershoot)
>2 V at V
CC = 3.3 V, TA = 25°C
The SN54LVC00A quadruple 2-input positive-NAND gate is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC00A quadruple 2-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The 'LVC00A devices perform the Boolean function Y = A
• B or Y = A + B in positive logic.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC00ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00ADBLE TI-SN74LVC00ADBLE Datasheet
788Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00ADBLE TI1-SN74LVC00ADBLE Datasheet
1Mb / 31P
Quadruple 2-Input Positive-NAND Gates
More results

Similar Description - SN74LVC00ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHC00 UTC-U74AHC00_15 Datasheet
181Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com