Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC00ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBLE Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC00ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
A
B
Y
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC00ARGYR
LC00A
Tube of 50
SN74LVC00AD
SOIC – D
Reel of 2500
SN74LVC00ADR
LVC00A
Reel of 250
SN74LVC00ADT
SOP – NS
Reel of 2000
SN74LVC00ANSR
LVC00A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC00ADBR
LC00A
Tube of 90
SN74LVC00APW
TSSOP – PW
Reel of 2000
SN74LVC00APWR
LC00A
Reel of 250
SN74LVC00APWT
CDIP – J
Tube of 25
SNJ54LVC00AJ
SNJ54LVC00AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC00AW
SNJ54LVC00AW
LCCC – FK
Tube of 55
SNJ54LVC00AFK
SNJ54LVC00AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com