Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BJ Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 72Page - STMicroelectronics ST72324BJ Datasheet HTML 73Page - STMicroelectronics ST72324BJ Datasheet HTML 74Page - STMicroelectronics ST72324BJ Datasheet HTML 75Page - STMicroelectronics ST72324BJ Datasheet HTML 76Page - STMicroelectronics ST72324BJ Datasheet HTML 77Page - STMicroelectronics ST72324BJ Datasheet HTML 78Page - STMicroelectronics ST72324BJ Datasheet HTML 79Page - STMicroelectronics ST72324BJ Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 188 page
background image
On-chip peripherals
ST72324B
76/188
Output compare
In this section, the index, i, may be 1 or 2 because there are two output compare functions in
the 16-bit timer.
This function can be used to control an output waveform or indicate when a period of time
has elapsed.
When a match is found between the Output Compare register and the free running counter,
the output compare function:
–
Assigns pins with a programmable value if the OCiE bit is set
–
Sets a flag in the status register
–
Generates an interrupt if enabled
Two 16-bit registers Output Compare register 1 (OC1R) and Output Compare register 2
(OC2R) contain the value to be compared to the counter register each timer clock cycle.
These registers are readable and witable and are not affected by the timer hardware. A
reset event changes the OCiR value to 8000h.
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
Procedure
To use the Output Compare function, select the following in the CR2 register:
●
Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output
compare i signal.
●
Select the timer clock (CC[1:0]) (see Table 49).
And select the following in the CR1 register:
●
Select the OLVLi bit to applied to the OCMPi pins after the match occurs.
●
Set the OCIE bit to generate an interrupt if it is needed.
When a match is found between OCRi register and CR register:
●
OCFi bit is set
●
The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset)
●
A timer interrupt is generated if the OCIE bit is set in the CR1 register and the I bit is
cleared in the CC register (CC).
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Where:
∆t
= Output compare period (in seconds)
fCPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits; see Table 49)
Table 44.
Output compare byte distribution
Register
MS byte
LS byte
OCiR
OCiHR
OCiLR
∆ OCiR =
∆t * fCPU
PRESC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com