Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BJ Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 26Page - STMicroelectronics ST72324BJ Datasheet HTML 27Page - STMicroelectronics ST72324BJ Datasheet HTML 28Page - STMicroelectronics ST72324BJ Datasheet HTML 29Page - STMicroelectronics ST72324BJ Datasheet HTML 30Page - STMicroelectronics ST72324BJ Datasheet HTML 31Page - STMicroelectronics ST72324BJ Datasheet HTML 32Page - STMicroelectronics ST72324BJ Datasheet HTML 33Page - STMicroelectronics ST72324BJ Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 188 page
background image
Supply, reset and clock management
ST72324B
30/188
Figure 14.
Reset block diagram
The RESET pin is an asynchronous signal which plays a major role in EMS performance. In
a noisy environment, it is recommended to follow the guidelines mentioned in the electrical
characteristics section.
External power-on reset
If the LVD is disabled by option byte, to start up the microcontroller correctly, the user must
ensure by means of an external reset circuit that the reset signal is held low until VDD is over
the minimum level specified for the selected fOSC frequency.
A proper reset signal for a slow rising VDD supply can generally be provided by an external
RC network connected to the RESET pin.
Internal LVD reset
Two different reset sequences caused by the internal LVD circuitry can be distinguished:
●
Power-On reset
●
Voltage Drop reset
The device RESET pin acts as an output that is pulled low when VDD <VIT+ (rising edge) or
VDD <VIT- (falling edge) as shown in Figure 15.
The LVD filters spikes on VDD larger than tg(VDD) to avoid parasitic resets.
Internal Watchdog reset
The reset sequence generated by a internal Watchdog counter overflow is shown in
Figure 15.
Starting from the Watchdog counter underflow, the device RESET pin acts as an output that
is pulled low during at least tw(RSTL)out.
RESET
RON
VDD
Watchdog reset
LVD reset
Internal
reset
Pulse
generator
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com