Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BJ Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 75Page - STMicroelectronics ST72324BJ Datasheet HTML 76Page - STMicroelectronics ST72324BJ Datasheet HTML 77Page - STMicroelectronics ST72324BJ Datasheet HTML 78Page - STMicroelectronics ST72324BJ Datasheet HTML 79Page - STMicroelectronics ST72324BJ Datasheet HTML 80Page - STMicroelectronics ST72324BJ Datasheet HTML 81Page - STMicroelectronics ST72324BJ Datasheet HTML 82Page - STMicroelectronics ST72324BJ Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 188 page
background image
ST72324B
On-chip peripherals
79/188
One Pulse mode
One Pulse mode enables the generation of a pulse when an external event occurs. This
mode is selected via the OPM bit in the CR2 register.
The one pulse mode uses the Input Capture1 function and the Output Compare1 function.
Procedure
To use One Pulse mode:
1.
Load the OC1R register with the value corresponding to the length of the pulse (see the
formula below).
2.
Select the following in the CR1 register:
–
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after the
pulse.
–
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin during the
pulse.
–
Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the
ICAP1 pin must be configured as floating input).
3.
Select the following in the CR2 register:
–
Set the OC1E bit, the OCMP1 pin is then dedicated to the Output Compare 1
function.
–
Set the OPM bit.
–
Select the timer clock CC[1:0] (see Table 49).
Figure 46.
One pulse mode cycle
Then, on a valid event on the ICAP1 pin, the counter is initialized to FFFCh and OLVL2 bit is
loaded on the OCMP1 pin, the ICF1 bit is set and the value FFFDh is loaded in the IC1R
register.
Because the ICF1 bit is set when an active edge occurs, an interrupt can be generated if the
ICIE bit is set.
Clearing the Input Capture interrupt request (that is, clearing the ICFi bit) is done in two
steps:
1.
Reading the SR register while the ICFi bit is set.
2.
An access (read or write) to the ICiLR register.
event occurs
counter =
OC1R
OCMP1 = OLVL1
When
When
on ICAP1
OCMP1 = OLVL2
Counter is reset
to FFFCh
ICF1 bit is set
ICR1 = Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com