Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2006AS Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # P2006AS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

P2006AS Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  P2006AS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2006AS
2 / 4
www.advsemi.com
Ver.0.10
ADV
Electrical Characteristics (TA=25°C Unless Otherwise Noted)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
On/off
Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250uA
-20
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= -20V, VGS=0V
--
--
-1
uA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250uA
-0.45
--
-1.0
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
--
--
±
100
nA
RDS(ON)
Drain-SourceOn-stateResistance⑵
VGS= -2.5V, IDS=-10A
--
6.0
8
m
VGS= -4.5V, IDS=-20A
--
4.8
6
gFS
Forward transconductance⑵
VDS=- 10V, IDS=-20A
20
--
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VGS=0V,
VDS= -10V,
Frequency=1.0MHz
--
3000
--
pF
Coss
Output Capacitance
--
650
--
Crss
Reverse Transfer Capacitance
--
500
--
Switching Characteristics
td(ON)
Turn-on Delay Time⑴
VDS =-10V,
ID= -1A, VGS= -4.5V,
RGEN=6Ω
--
10
--
ns
tr
Turn-on Rise Time⑴
--
15
--
td(OFF)
Turn-off Delay Time⑴
--
110
--
tf
Turn-off Fall Time⑴
--
70
--
Qg
Total Gate Charge⑴
VDS=-10V, VGS= -4.5V,
IDS=-10A
--
55.0
--
nC
Qgs
Gate-Source Charge⑴
--
10
--
Qgd
Gate-Drain Charge⑴
--
15
--
Diode Characteristics
VSD
Diode Forward Voltage⑵
ISD = -35A, VGS = 0
--
--
-1.2
V
NOTES:
1.
Independent of operating temperature.
2.
Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com