Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2006AS Datasheet(PDF) 6 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # P2006AS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

P2006AS Datasheet(HTML) 6 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  P2006AS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P2006AS
6 / 6
www.advsemi.com
Ver.0.10
ADV
PACKAGE MECHANICAL DATA
SOP-8
Package Dimension
Ordering information
Symbol
Dimensions ln Millimeters
Dimensions ln lnches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E1
5.800
6.200
0.228
0.244
E
3.800
4.000
0.150
0.157
e
1.270TYP
0.050TYP
e1
4.500
4.700
0.177
0.185
L
0.400
1.270
0.016
0.050
D
b
e
8°
c
Part number
Package
Marking
Packing
Quantity
P2006AS
SOP-8
P2006AS
Embossed tape
4000pcs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com