Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2006AS Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # P2006AS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

P2006AS Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  P2006AS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd P2006AS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P2006AS
1 / 4
www.advsemi.com
Ver.0.10
ADV
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
Absolute Maximum Ratings ( TA = 25°C unless otherwise specified )
Symbol
Parameter
Ratings
Unit
Common Ratings
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±
12
TJ
Maximum Junction Temperature
155
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
-35
A
Mounted on Large Heat Sink
IDM
300μs Pulse Drain Current Tested⑴
TC=25°C
-14
A
ID
Continuous Drain Current
TC=25°C
-35
A
PD
Maximum Power Dissipation
TC=25°C
3.0
W
Thermal Characteristics
Symbol
Parameter
Ratings
Unit
RthJC
Thermal resistance junction-case max
4.6
°C/W
RthJA
Thermal resistance junction-ambient max(PCB mounted ) ⑵
40
°C/W
1.
Pulse width limited by maximum junction temperature.
2.
1-in2
2oz Cu PCB board
VDSS
ID
RDS(ON) (mΩ)
-20V
-35A
6mΩ
SOP-8
S
S
S
G
D
D
D
D


Similar Part No. - P2006AS

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
P20064-1 DBUNLIMITED-P20064-1 Datasheet
538Kb / 1P
Released from Engineering
More results

Similar Description - P2006AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com