Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16213 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16213
Description  3.3V, 24-Bit Bus-Exchange Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16213 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16213 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8169A
08/21/01
PI3B16213
3.3V24-BitBus-ExchangeSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature .................................................... –65°Cto+150°C
Ambient Temperature with Power Applied .................... –40°Cto+85°C
Supply Voltage Range ................................................... –0.5Vto+4.60V
DC Input Voltage ........................................................... –0.5Vto+4.60V
DC Output Current ...................................................................... 120mA
Power Dissipation ............................................................................. 1 W
Note:
Stresses greater than those listed under MAXIMUM
RATINGSmaycausepermanentdamagetothedevice.This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
MaximumRatings
(Above which useful life may be impaired. For user guidelines, not tested.)
Notes:
1. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
2. This parameter is determined by device characterization but is not production tested.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A,B) pins.
ElectricalCharacteristics (OvertheOperatingRange,TA=–40°Cto+85°C,VCC=3.0Vto3.6V)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T
)
1
(
.
x
a
Mti
n
Us
VIK
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
IV C
C
.
n
i
M
=II =–
A
m
8
1– 2
.
1V
II
t
n
e
rr
u
C
t
u
p
n
I
V C
C
0
=VI
.
x
a
M
=0
1
A
µ
V C
C
.
x
a
M
=VI
D
N
G
r
o
.
x
a
M
=1
±
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
QV C
C
0
=
O
I
.
x
a
M
=VI V
= CC
D
N
G
r
o0
1
CIN )2
(
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
0
=3
F
p
COFF )2
(
e
c
n
a
ti
c
a
p
a
C
B
/
A
,f
f
O
h
c
ti
w
SV N
I
,
0
S
;
V
0
=,
1
SD
N
G
=
2
S4
1
R N
O
)
3
(
B
o
t
AV C
C
.
n
i
M
=V C
C
M
=n
i
VI 0
=
II =0
3,
A
m5
8
Ω
II =4
6A
m5
8
VI
V
4
.
2
=II =5
1A
m0
15
1
2
A
o
t
1
AV C
C
.
n
i
M
=V C
C
M
=n
i
VI 0
=
II =0
3,
A
m0
14
1
II =4
6A
m0
14
1
VI
V
4
.
2
=II =5
1A
m0
20
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com