Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16213 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B16213
Description  3.3V, 24-Bit Bus-Exchange Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16213 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B16213 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8169A
08/21/01
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
S0
1A1
1A2
2A1
2A2
3A1
3A2
GND
4A1
4A2
5A1
5A2
6A1
6A2
7A1
7A2
VCC
8A1
GND
8A2
9A1
9A2
10A1
10A2
11A1
11A2
12A1
12A2
S1
S2
1B1
1B2
2B1
2B2
3B1
GND
3B2
4B1
4B2
5B1
5B2
6B1
6B2
7B1
7B2
8B1
GND
8B2
9B1
9B2
10B1
10B2
11B1
11B2
12B1
12B2
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B16213
3.3V, 24-Bit Bus-Exchange Switch
ProductDescription
PericomSemiconductor’sPI3Bseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology.
The PI3B16213 is a 3.3 volt, 24-bit bus-exchange switch designed
with a low ON resistance allowing connections to be made with
minimal propagation delay. This device operates either as a 24-bit
or as a 12-bit bus switch, providing data exchange between the four
signal ports via the data-select (S0-S2) terminals.
Product Features
• Near-zero propagation delay
• 5-ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Fast Switching Speed: 5.5ns max.
• Operating VCC Range:3.0Vto3.6V
• Industrial operating temperature: –40°C to +85°C
• Packages available:
– 56-pin 240-mil wide thin plastic TSSOP (A)
–56-pin300-milwideplasticSSOP(V)
Logic Block Diagram
ProductPinConfiguration
TruthTable
ProductPinDescription
Note:
1. H = High Voltage Level
L = Low Voltage Level
Z = High Impedance
56-Pin
A,V
1 of 12 Channels
FLOW CONTROL
XB1
XB2
XA1
XA2
S0
S1
S2
n
o
it
c
n
u
F2
S1
S0
S1
A2
A
t
c
e
n
n
o
c
si
D
LLL
Z
Z
1
B
o
t
1
AL
L
H
1
BZ
2
B
o
t
1
AL
H
L
2
BZ
1
B
o
t
2
AL
H
H
Z
1
B
2
B
o
t
2
AH
L
L
Z
2
B
2
B
d
n
a
2
A
o
t
1
AH
L
H
2
B
/
2
A2
B
/
1
A
2
B
o
t
2
A
,
1
B
o
t
1
AH
H
L
1
B2
B
1
B
o
t
2
A
,
2
B
o
t
1
A
HHH
2
B1
B
e
m
a
N
n
i
PO
/
In
o
it
p
i
r
c
s
e
D
2
S
-
0
SI
st
u
p
n
I
t
c
el
e
S
x
A
xO
/IA
s
u
B
x
B
xO
/IB
s
u
B


Similar Part No. - PI3B16213

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210B PERICOM-PI3B16210B Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B16213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16212 PERICOM-PI3B16212 Datasheet
198Kb / 4P
3.3V, 24-Bit Bus Exchange Switch
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
24-Bit Bus Exchange Switch
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
3.3V, 18-Bit Bus Exchange Switch
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com