Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16213 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16213
Description  3.3V, 24-Bit Bus-Exchange Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16213 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16213 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16213 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8169A
08/21/01
PI3B16213
3.3V24-BitBus-ExchangeSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. Typical values are at VCC= 3.3V, +25°C ambient.
PI3B16213SwitchingCharacteristicsoverOperatingRange
Note:
1. This parameter is guaranteed but not tested on Propagation Delays. The bus switch contributes no propagational delay other
than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the
order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds
very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the
driving circuit on the driving side of the switch and its interaction with the load on the driven side.
2. See test circuit and waveforms.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
RecommendedOperatingConditions
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
D.
n
i
Mp
y
T
)
1
(
.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S0
.
3
6
.
3
V
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
h
g
i
H2

V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
w
o
L

8
.
0
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
4
–
5
8C
°
s
r
e
t
e
m
a
r
a
P)t
u
p
n
I
(
m
o
r
F)t
u
p
t
u
O
(
o
T
V C
C
V
6
.
3
o
t
V
0
.
3
=
s
ti
n
U
.
n
i
M.
x
a
M
t D
P
)
2
,
1
(
B
r
o
AA
r
o
B5
2
.
0
s
n
1
A2
A5
.
0
t N
E
)
2
(
SB
r
o
A1
5
.
4
t SI
D
)
2
(
SB
r
o
A1
5
.
5
t N
E
)
2
(
0
S2
A
d
n
a
1
A1
5
.
4
t SI
D
)
2
(
0
S2
A
d
n
a
1
A1
5
.
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com