Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8805 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Production Data
WM8805
w
PD Rev 4.1 September 07
39
S/PDIF RECEIVER STATUS FLAGS
There are several S/PDIF receiver status flags which are recorded by the WM8805. The flags are
described in Table 45. These flags are available via GPIO pins or status registers.
FLAG
DESCRIPTION
VISIBILITY
UNLOCK
Unlock Flag
Indicates that the S/PDIF Rx clock recovery circuit is unlocked.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked onto the incoming S/PDIF stream.
S/PDIF Status
Register,
GPO,
CSB –hardware mode
INVALID
Invalid Flag
Indicates that recovered S/PDIF data is marked as invalid.
0 = Data marked as valid
1 = Data marked as invalid
Interrupt Status Reg
TRANS_ERR
Transmission Error Flag
Indicates that a transmission error has occurred. This signal is asserted
when the preamble sequence is incorrectly received or there is a parity
error or a bi-phase mark encoding error.
0 = No error detected in transmission
1 = Error in transmission
Interrupt Status Reg,
GPO,
SCLK –hardware
mode
AUDIO_N
Audio Status Flag
Recovered Channel Status bit 1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
Channel Status
Register,
S/PDIF Status
Register
PCM_N
Non-PCM Flag
Indicates that non-audio code (defined in IEC-61937) has been detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio PCM.
S/PDIF Status
Register
ZEROFLAG
Zero Flag
Indicates detection of 1024 consecutive all zero frames
0 = 1024 consecutive all zero frames not detected
1 = 1024 consecutive all zero frames detected
GPO
CPY_N
Non-Copyright Flag
Recovered Channel Status bit 2.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
Note this signal is inverted and will cause an interrupt on logic 0.
Channel Status
Register,
S/PDIF Status
Register,
GPO
REC_FREQ[1:0]
Recovered Frequency Flag
Indicates recovered S/PDIF clock frequency:
00 = 192kHz
01 = 96kHz or 88.2kHz
10 = 48kHz or 44.1kHz
11 = 32kHz
S/PDIF Status
Register
INT_N
Interrupt Signal
0 = Interrupt has occurred
1 = No interrupt has occurred
GPO
V
Recovered validity bit for current sub-frame
GPO
U
Recovered user bit for current sub-frame
GPO
C
Recovered channel status bit for current sub-frame
GPO
SFRM_CLK
Sub-frame clock.
1 = Current sub-frame is sub-frame A
0 = Current sub-frame is sub -frame B
GPO
192BLK
Start OF 192 Frame Sequence Flag
Indicates start of 192 frame block. Asserted duration of frame 0.
GPO
GEN_FLAG
General Error Flag
Logical OR of TRANS_ERR, NON_AUDIO and UNLOCK. Used only in
Hardware Control Mode
GPO0 - hardware
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com