Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8805 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8805 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8805 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Production Data
WM8805
w
PD Rev 4.1 September 07
21
MASTER CLOCK AND PHASE LOCKED LOOP
SOFTWARE MODE INTERNAL CLOCKING
The WM8805 is equipped with a comprehensive clocking scheme that provides maximum flexibility
and function and many configurable routing possibilities for the user in software mode. An overview
of the software mode clocking scheme is shown in Figure 16.
Figure 16 Software Mode Clocking Scheme Overview
The clocking scheme can be divided into four sections. These are detailed as follows:
OSCILLATOR
The primary function of the oscillator is to generate the oscillator clock (OSCCLK) for the PLL input.
Whenever the PLL or the S/PDIF receiver is enabled, the oscillator must be used to generate the
OSCCLK signal for the PLL.
The secondary function of the oscillator is to generate the OSCCLK so that it can be selected
internally as the clock source for:
•
The MCLK output pin, when the pin is configured as an output.
•
The CLKOUT output pin, when enabled.
The oscillator has one control bit as shown in Table 19. The oscillator must be powered up to
generate the OSCCLK signal.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
3
OSCPD
1
Oscillator Power Down Control
0 = Power up
1 = Power down
Table 19 Oscillator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com