Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640 Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM25640
Description  64Kb FRAM Serial Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM25640 Datasheet HTML 5Page - Ramtron International Corporation FM25640 Datasheet HTML 6Page - Ramtron International Corporation FM25640 Datasheet HTML 7Page - Ramtron International Corporation FM25640 Datasheet HTML 8Page - Ramtron International Corporation FM25640 Datasheet HTML 9Page - Ramtron International Corporation FM25640 Datasheet HTML 10Page - Ramtron International Corporation FM25640 Datasheet HTML 11Page - Ramtron International Corporation FM25640 Datasheet HTML 12Page - Ramtron International Corporation FM25640 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FM25640 - Automotive Temp.
Rev. 3.0
July 2007
10 of 13
AC Parameters (TA = -40° C to + 125° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
4.0
MHz
tCH
Clock High Time
100
ns
1
tCL
Clock Low Time
100
ns
1
tCSU
Chip Select Setup
100
ns
tCSH
Chip Select Hold
100
ns
tOD
Output Disable
100
ns
2
tODV
Output Data Valid
75
ns
tOH
Output Data Hold
0
ns
tD
Deselect Time
100
ns
tR
Data In Rise Time
50
ns
1,3
tF
Data In Fall Time
50
ns
1,3
tH
Data In Hold Time
30
ns
tSU
Data In Setup Time
20
ns
tHS
/HOLD Input Setup Time
70
ns
tHH
/HOLD Input Hold Time
40
ns
tHZ
/HOLD Low to Data Out Hi-Z
100
ns
2
tLZ
/HOLD High to Data Out Lo-Z
50
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
Rise and fall times measured between 10% and 90% of waveform.
3.
This parameter is characterized but not 100% tested.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (SO)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com