Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM25640
Description  64Kb FRAM Serial Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM25640 Datasheet HTML 1Page - Ramtron International Corporation FM25640 Datasheet HTML 2Page - Ramtron International Corporation FM25640 Datasheet HTML 3Page - Ramtron International Corporation FM25640 Datasheet HTML 4Page - Ramtron International Corporation FM25640 Datasheet HTML 5Page - Ramtron International Corporation FM25640 Datasheet HTML 6Page - Ramtron International Corporation FM25640 Datasheet HTML 7Page - Ramtron International Corporation FM25640 Datasheet HTML 8Page - Ramtron International Corporation FM25640 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FM25640 - Automotive Temp.
Rev. 3.0
July 2007
2 of 13
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
`
2,048 x 32
FRAM Array
13
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
Figure 1. Block Diagram
Pin Description
Pin Name
I/O
Pin Description
/CS
Input
Chip Select: Enables and disables the device. When /CS is high, the output pin SO is hi-
Z, all other inputs are ignored, and the device remains in a low-power standby mode.
When /CS is low, the part will respond to the SCK signal. A falling edge on /CS must
occur for every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the
rising edge and outputs occur on the falling edge. The device is static so the clock
frequency may be any value between 0 and 4 MHz and may be interrupted at any time.
/HOLD
Input
Hold: The /HOLD signal is used when the host CPU must interrupt a memory operation
for another task. Asserting the /HOLD signal low pauses the current operation. The
device ignores SCK and /CS. All transitions on /HOLD must occur while SCK is low.
/WP
Input
Write Protect: This pin prevents write operations to the status register. This is critical
since other write protection features are controlled through the status register. A
complete explanation of write protection is provided below. *Note that the function of
/WP is different from the FM25040 where it prevents all writes to the part.
SI
Input
Serial Input: SI is the data input pin. It is sampled on the rising edge of SCK and is
ignored otherwise. It should always be driven to a valid logic level to meet IDD
specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: SO is the data output pin. It is driven during read cycles and remains hi-Z
at all other times including when HOLD\ is low. Data transitions are driven on the falling
edge of the serial clock.
* SO can be connected to SI for a single pin data interface since the part communicates
in half-duplex.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com