Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25640
Description  64Kb FRAM Serial Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25640 Datasheet HTML 1Page - Ramtron International Corporation FM25640 Datasheet HTML 2Page - Ramtron International Corporation FM25640 Datasheet HTML 3Page - Ramtron International Corporation FM25640 Datasheet HTML 4Page - Ramtron International Corporation FM25640 Datasheet HTML 5Page - Ramtron International Corporation FM25640 Datasheet HTML 6Page - Ramtron International Corporation FM25640 Datasheet HTML 7Page - Ramtron International Corporation FM25640 Datasheet HTML 8Page - Ramtron International Corporation FM25640 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AEC Q100 Grade 1 Compliant
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
July 2007
1 of 13
FM25640 – Automotive Temp.
64Kb FRAM Serial Memory
Features
64K bit Ferroelectric Nonvolatile RAM
•
Organized as 8,192 x 8 bits
•
High Endurance 1 Trillion (10
12) Read/Writes
•
NoDelay™ Writes
•
Advanced high-reliability ferroelectric process
Very Fast Serial Peripheral Interface - SPI
•
Up to 4 MHz maximum bus frequency
•
Direct hardware replacement for EEPROM
•
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
•
Hardware Protection
•
Software Protection
Low Power Consumption
•
10
µA Standby Current
Industry Standard Configuration
•
Automotive Temperature -40
° C to +125° C
o
Qualified to AEC Q100 Specification
•
“Green”/RoHS 8-pin SOIC
Description
The FM25640 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
Unlike serial EEPROMs, the FM25640 performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array
immediately after it has been successfully transferred
to the device. The next bus cycle may commence
immediately.
In
addition,
the
product
offers
substantial write endurance compared with other
nonvolatile memories. The FM25640 is capable of
supporting up to 10
12 read/write cycles -- far more
than most systems will require from a serial memory.
These capabilities make the FM25640 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding automotive controls where the long write
time of EEPROM can cause data loss.
The FM25640 provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement. The FM25640 uses the high-speed SPI
bus, which enhances the high-speed write capability
of
FRAM
technology.
The
specifications
are
guaranteed over an automotive temperature range of
-40°C to +125°C.
Pin Configuration
Pin Names
Function
/CS
Chip Select
/HOLD
Hold
/WP
Write Protect
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
5V
VSS
Ground
Ordering Information
FM25640-GA
“Green” 8-pin SOIC, Auto-
motive Grade 1
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25640

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640-G RAMTRON-FM25640-G Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640-S RAMTRON-FM25640-S Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25640-S RAMTRON-FM25640-S Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
More results

Similar Description - FM25640

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
64Kb Bytewide FRAM Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
64Kb 2.7V-3.6V FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
64Kb FRAM Serial 3V Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com