Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LRI64_07 Datasheet HTML 12Page - STMicroelectronics LRI64_07 Datasheet HTML 13Page - STMicroelectronics LRI64_07 Datasheet HTML 14Page - STMicroelectronics LRI64_07 Datasheet HTML 15Page - STMicroelectronics LRI64_07 Datasheet HTML 16Page - STMicroelectronics LRI64_07 Datasheet HTML 17Page - STMicroelectronics LRI64_07 Datasheet HTML 18Page - STMicroelectronics LRI64_07 Datasheet HTML 19Page - STMicroelectronics LRI64_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
LRI64 to VCD frames
LRI64
16/52
9
LRI64 to VCD frames
Response Frames are delimited by a Start of Frame (SOF) and an End of Frame (EOF) and
are implemented using a code violation mechanism. The LRI64 supports these in the one
subcarrier mode, at the fast data rate, only.
The VCD is ready to receive a response frame from the LRI64 before 320.9µs (t1) after
having sent a command frame.
9.1
LRI64 SOF
SOF comprises three parts: (see Figure 11)
●
an unmodulated period of 56.64 µs,
●
24 pulses of 423.75 kHz (fc/32),
●
a logic 1 which starts with an unmodulated period of 18.88 µs followed by 8 pulses of
423.75 kHz.
9.2
LRI64 EOF
EOF comprises three parts: (see Figure 12)
●
a logic 0 which starts with 8 pulses of 423.75 kHz followed by an unmodulated period of
18.88 µs.
●
24 pulses of 423.75 kHz (fC/32),
●
an unmodulated time of 56.64 µs.
Figure 11.
Response SOF, using high data rate and one subcarrier
Figure 12.
Response EOF, using high data rate and one subcarrier
AI06671B
113.28 µs
37.76 µs
AI06675B
113.28 µs
37.76 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com