Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LRI64_07 Datasheet HTML 20Page - STMicroelectronics LRI64_07 Datasheet HTML 21Page - STMicroelectronics LRI64_07 Datasheet HTML 22Page - STMicroelectronics LRI64_07 Datasheet HTML 23Page - STMicroelectronics LRI64_07 Datasheet HTML 24Page - STMicroelectronics LRI64_07 Datasheet HTML 25Page - STMicroelectronics LRI64_07 Datasheet HTML 26Page - STMicroelectronics LRI64_07 Datasheet HTML 27Page - STMicroelectronics LRI64_07 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Flags and error codes
LRI64
24/52
14.2
Response flags
In a Response, the 8-bit Flags Field indicates how actions have been performed by the
LRI64, and whether corresponding fields are present or not.
14.3
Response error code
If the Error Flag is set by the LRI64 in the Response, the Error Code Field is present and
provides information about the error that occurred. Table 7 shows the one error code that is
supported by the LRI64.
Table 5.
Request flags 5 to 8 (when bit 3 = 1)
Bit
Name
Value(1)
1.
Bits 7 and 8 must be reset to 0.
Description
5AFI Flag
0
AFI field is not present
1
AFI field is present
6
Nb_slots Flag
0
16 slots
11 slot
7
Option Flag
0
No option. Must be set to 0.
(Option 1 is not supported)
8RFU
0
No option. Must be set to 0.
(Option 1 is not supported)
Table 6.
Response flags 1 to 8
Bit
Name
Value
Description
1
Error Flag
0
No error
1
Error detected. Error code is in the "Error" field.
2RFU
0
3RFU
0
4RFU
0
5RFU
0
6RFU
0
7RFU
0
8RFU
0
Table 7.
Response error code
Error code
Meaning
0Fh
Error with no specific information given



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com