Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LRI64_07 Datasheet HTML 14Page - STMicroelectronics LRI64_07 Datasheet HTML 15Page - STMicroelectronics LRI64_07 Datasheet HTML 16Page - STMicroelectronics LRI64_07 Datasheet HTML 17Page - STMicroelectronics LRI64_07 Datasheet HTML 18Page - STMicroelectronics LRI64_07 Datasheet HTML 19Page - STMicroelectronics LRI64_07 Datasheet HTML 20Page - STMicroelectronics LRI64_07 Datasheet HTML 21Page - STMicroelectronics LRI64_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Special fields
LRI64
18/52
10.2
Application Family Identifier (AFI)
The Application Family Identifier (AFI) indicates the type of application targeted by the VCD,
and is used to select only those LRI64 devices meeting the required application criteria (as
summarized in Figure 14). The value is programmed by the LRI64 issuer in the AFI register.
Once programmed, it cannot be modified.
The most significant nibble of the AFI is used to indicate one specific application, or all
families. The least significant nibble of the AFI is used to code one specific sub-families, or
all sub-families. Sub-family codes, other than 0, are proprietary (as described in ISO 15693
and ISO 18000-3 Mode 1 documentation).
10.3
Data Storage Format Identifier (DSFID)
The Data Storage Format Identifier (DSFID) indicates how the data is structured in the
LRI64 memory. It is coded on one byte. It allows for quick and brief knowledge on the logical
organization of the data. It is programmed by the LRI64 issuer in the DSFID register. Once
programmed, it cannot be modified.
10.4
Cyclic Redundancy Code (CRC)
The Cyclic Redundancy Code (CRC) is calculated as defined in ISO/IEC 13239, starting
from an initial register content of all ones: FFFFh.
The 2-byte CRC is appended to each Request and each Response, within each frame,
before the EOF. The CRC is calculated on all the bytes after the SOF, up to the CRC field.
Upon reception of a Request from the VCD, the LRI64 verifies that the CRC value is valid. If
it is invalid, it discards the frame, and does not answer the VCD.
Upon reception of a Response from the LRI64, it is recommended that the VCD verify that
the CRC value is valid. If it is invalid, the actions that need to be performed are up to the
VCD designer.
The CRC is transmitted Least Significant Byte first. Each byte is transmitted Least
Significant Bit first, as shown in Figure 15).
Figure 15.
CRC format
AI09726
Most Significant Byte
Least Significant Byte
l.s.bit
l.s.bit
m.s.bit
m.s.bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com