Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS5G Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # PRS5G
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS5G Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  PRS5G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 3Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Empowering Intelligent Optical Networks
Product Brief
PRS 5G and PRS 20G
Switch Fabric
PB PRS 5G-20G / v0.5 / 05-24-2004
Empowering Intelligent Networks
3
PRS 20G Switch Fabric for
10 Gbps (Single-card) or 20 Gbps
(Two-cards) Smaller-Capacity
Systems
The PRS 20G (PRS C192X) switch
fabric device enables the implementation
of one-card or two-card systems
providing 10-20 Gbps of full-duplex
minimum aggregate user bandwidth.
A single device operates as a 10-Gbps
full-duplex switch fabric providing 4x4
switch ports at 2.5-Gbps/OC-48c speed,
with a standard CSIX-L1 or PL3 interface
to network processors such as the
AMCC nP3700 Integrated Network
Processor / Traffic Manager (see
Figure 4).
In a two-card system, the two PRS
20G devices can operate as an 8x8 port
switch fabric, with each port supporting
2.5-Gbps/OC-48c speeds, thus offering
an aggregate full-duplex throughput of
20 Gbps. As another two-card
configuration, one of the PRS 20G
devices can be configured with a single
10-Gbps/OC-192c port with a standard
CSIX interface to a network processor,
so as to provide the uplink aggregating
the traffic of the four 2.5-Gbps/OC-48c
ports of the other card (see Figure 5).
Figure 4: PRS 20G as a 4x4 Switch
Figure 5: PRS 20G in a 5x5 Switch with Uplink Aggregation
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
PRS 20G
CSIX or PL3
Interface
OC-48
4x OC-12
4x 1GE
FibreChannel
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
CSIX or PL3
Interface
PRS 20G
10G / OC-192
Network
Processor
CSIX
Interface
8 Serial Links at
3.2 Gbps
PRS 20G
PRS 20G
OC-48
4x OC-12
4x 1GE
FibreChannel
10GE or OC-192



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com