Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS5G Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PRS5G
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS5G Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PRS5G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 3Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Empowering Intelligent Optical Networks
–
Highlight s –
Product Brief
PRS 5G and PRS 20G
Switch Fabric
PB PRS 5G-20G / v0.5 / 05-24-2004
Empowering Intelligent Networks
1
Cost Effective Switch Fabric Solu-
tions for Smaller-Capacity Multi-
Service Provisioning Platforms,
Scalable to High-end Systems
The AMCC PRS 5G and PRS 20G
devices are members of the Packet
Routing Switch (PRS) multi-purpose
switch fabric family. They bring greater
granularity and Internet class of service
to smaller-capacity systems such as
remote access devices, enterprise
networking equipment, and low-end SAN
systems. The PRS 5G and PRS 20G
provide a flexible switching solution to
satisfy the demand of applications
offering 5-20 Gbps of full-duplex
aggregate user bandwidth with an
overspeed factor of two.
An integral part of a complete system
solution with AMCC network processors,
traffic managers, framers, and software
tools, the seamless upgrade path of the
PRS 5G and PRS 20G to
higher-capacity solutions, such as the
PRS 80G, enables customers to develop
efficient, smaller-capacity systems today,
and easily evolve to larger systems in
the future.
The PRS 5G and PRS 20G chips are
implemented with IBM 0.13 micron
technology, use IBM 3.2-Gbps
high-speed serial links, and introduce
new system design options, such as PL3
interfaces for network processors and
traffic managers (in addition to CSIX-L1).
Dual Functionality, Switch and
Fabric Interface, for Single Design
of User Cards Across Entire
Product Lines
The PRS 5G and PRS 20G solutions
are hardware and software compatible
with the PRS 80G, PRS 64Gu, and
PRS Q-64G high-end switch devices.
The PRS 5G and PRS 20G devices can
operate as either switching devices
located on user cards of
smaller-capacity systems, or switch
fabric interface devices of user cards
connected to the PRS central switch of a
high-end system. Known as PRS C48X
and PRS C192X when used as fabric
interfaces, these devices address the
scalability needs of product lines that
offer users full-duplex bandwidth ranges
between 5 Gbps and 320 Gbps.
As switches for 5-20 Gbps platforms,
the PRS 5G and PRS 20G are an ideal
solution for cost-competitive, advanced
services applications, such as
medium-range routers with high-demand
packet processing for network access/
edge aggregation; remote location thin
appliances for firewall, SSL, VPN,
security, intrusion detection; data center
server appliances with deep packet
processing; NAS/SAN equipment; and,
more generally, service applications
requiring a 10-Gbps uplink capability.
As fabric interface devices for line
cards, the PRS 5G and PRS 20G (PRS
C48X and PRS C192X) enable cards
designed for 5-20 Gbps platforms to be
used in chassis-based platforms
addressing the higher-capacity needs of
applications in the Metro/WAN, wireless
infrastructure, and enterprise (data
center, NAS/SAN, High-end LAN). Cards
implementing the PRS C48X or PRS
C192X fabric interface can equip single-
stage switching systems based on PRS
80G, PRS 64Gu, or PRS Q-64G switch
devices, offering up to 320 Gbps of
full-duplex user bandwidth.
The integration of self-switching and
fabric interface capabilities into a single
device provides system vendors with an
easy path to scale their platforms from
smaller-capacity systems up to high-end,
chassis-based solutions capable of
switching up to 320 Gbps of full-duplex
aggregate user traffic, while optimizing
and protecting their line card design
investments. With such OEM offerings,
operators can deploy entry versions of
next-generation, chassis-based
platforms, while they are introducing
Switching Solutions for 5-20
Gbps Advanced Services
Applications, Optimized to
Extend into the 20-320 Gbps
Range
• Multi-purpose devices operating
as a switch fabric for thin
appliances, or a fabric interface
for chassis-based systems
• PRS 5G Switch Fabric providing
more than 2.5-Gbps of full-duplex
user bandwidth for 5-20 Gbps
meshed switch systems (no
central switch fabric)
• PRS 20G Switch Fabric providing
more than 10-Gbps of full-duplex
user bandwidth for 10 Gbps
(single-card) or 20 Gbps (two-
card) smaller-capacity systems
• Embedded 3.2-Gbps SerDes,
with 8b/10b coding, for an
overspeed factor of two
• CSIX-L1 and PL3 standard fabric
interfaces for high-density cards
with up to four multi-GE/OC-48c
network processor or one
10-Gbps/OC-192c network
processor
• Complete multi-GE/OC-48c
solution with the AMCC nP3700
Integrated Network Processor /
Traffic Manager
• Enabling standard-based
AdvancedTCATM-compliant
system designs
• Product line designs in the 5-to-
320 Gbps range, within the same
proven PRS Packet Routing
Switch architecture and
technology
• Same cards for pizza boxes and
chassis-based systems, for
optimized investments in card
design, manufacturing and supply
• Highly-scalable solutions
preserving customer investments
in network processor cards


Similar Part No. - PRS5G

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0512C POWER-SYSTEMS-PRS-0512C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0515C POWER-SYSTEMS-PRS-0515C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
More results

Similar Description - PRS5G

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com