Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS5G Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PRS5G
Description  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS5G Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PRS5G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 3Page - Applied Micro Circuits Corporation PRS5G Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMCC reserves the right to make changes to its products, or to discontinue any product or service without notice, and advises its customers to obtain the latest
version of relevant information to verify, before placing orders, that the information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits Corporation. Copyright © 2004 Applied Micro Circuits Corporation. All Rights Reserved.
Other company, product, and service names may be trademarks or service marks of others.
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
For technical support, please call 800 840-6055 or email productsupport@amcc.com
Product Brief
PRS 5G and PRS 20G
Switch Fabric
PB PRS 5G-20G / v0.5 / 05-24-2004
4
Empowering Intelligent Networks
PRS 5G (PRS C48X) and PRS 20G
(PRS C192X) Switch Fabric Device
Features
• 2.5-Gbps (PRS 5G) and 10-Gbps
(PRS 20G) full-duplex user bandwidth
switch devices with an overspeed of
two towards the backplane
• Embedded IBM 3.2-Gbps SerDes, with
8b/10b coding and XAUI-compliant
high-speed serial links
• PRS 5G (PRS C48X): CSIX-L1 or
PL3-based (POS-PHY Level 3 / OIF-
SPI3-01.0) 32-bit wide interface for
multi-GE / OC-48 network processors
• PRS 20G (PRS C192X): CSIX-L1
64-bit wide or 128-bit wide interface for
a 10-Gbps / OC-192 network
processor or 4x CSIX-L1 or PL3-based
(POS-PHY Level 3 / OIF-SPI3-01.0)
32-bit wide interfaces for multi-GE /
OC-48 network processors.
• PRS 20G (PRS C192X) operation in
subport mode or, in conjunction with
the PRS 80G switch core, in quad
PRS 5G (PRS C48X) mode, for more
integrated line card solutions
• Dual-switch attachment for redundant
switch plane operations (central switch
configurations)
• Highly-efficient multicast and
broadcast mechanism
• Ingress virtual output queuing (VOQ)
per destination port and priority, with
separate multicast queues, preventing
head-of-line blocking
• Up to four levels of traffic priority (CoS)
and four programmable ingress queue
thresholds (ingress CSIX / PL3 flow
control per destination port and
priority)
• Packet scheduling: strict priority
scheduling, credit table (weighted
round-robin), exhaustive highest
priority first
• Implements flow control bit map
mapping to ease adapter redundancy
schemes
• End-to-end packet payload protection,
with optional cyclic redundancy check
insertion
• Internal loop back support for both the
CSIX / PL3 interface and switch
interface
• Hardware compatibility with PRS 80G
switch core device via SerDes
operating at 3.2 Gbps
• Backward compatibility with
PRS 64Gu switch core device via
SerDes operating at 2.5 Gbps
(overspeed factor of 1.6)
• Backward compatibility with
PRS Q-64G switch core device via
SerDes operating at 2.5 Gbps
(overspeed factor of 1.6 for PRS 20G /
PRS C192X, or 6.4 for PRS 5G /
PRS C48X)
Enablement Tools for an
Expedited Time to Market
To facilitate the evaluation and
prototyping of complete solutions,
reference switch boards featuring the
AMCC PRS 5G and PRS 20G,
respectively, are available for installation
in evaluation platforms.
To help reduce development time and
cost, AMCC offers PRS 64Gu, PRS 80G
and PRS Q-64G switch evaluation
platforms, switch core reference
designs, and reference software to
operate switch boards.
To allow system vendors to evaluate
multi-vendor solutions, the PRS boards
and platforms are enabled for
attachment of other suppliers' NPU
platforms. Board design services and
board manufacturing capabilities
complement the AMCC PRS offering.
Specifications
PRS 5G (PRS C48X)
PRS 20G (PRS C192X)
Technology
0.13 µm
0.13 µm
Supply voltage
1.5 V, 2.5 V
1.5 V, 2.5 V
Typical power @100% traffic
5 Watts
9.5 Watts
Junction °C
0°C to 125°C
0°C to 125°C
Package
899-ball FC-PBGA
937-ball CBGA
mm x mm (pitch)
31x31 (1 mm)
32.5x32.5 (1 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com