Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB10LP-AZLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB10LP-AZLE
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10LP-AZLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB10LP-AZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PI3USB10LP-A
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8858G
05/02/07
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.0 - 4.4V)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed
HIGH level
VCC = 4.2V
1.8
V
VCC = 3.3V
1.6
VIL
Input LOW Voltage
Guaranteed HIGH level
0.8
VIK
Clamp Diode Voltage
VCC = Max., ISEL = –18mA
-0.7
-1.2
IIH
Input HIGH Current
VCC = Max., VSEL = VCC
±5
A
IIL
Input LOW Current
VCC = Max., VSEL = GND
±5
RON
Switch On-Resistance(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
IINPUT= –40mA
5.5
6.5
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
IINPUT = -40mA
1.5
ΔRON
On-Resistance match from cen-
ter ports to any other port(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
IINPUT = -40mA
0.9
2.0
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
VCC = 3.0 - 4.4V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined by the lower of the
voltages on the two (D, Dn) pins.
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential .................................–0.5V to +4.6V
DC Input Voltage ..................................................... –0.5V to VCC +0.5V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (VCC = 3.0 - 4.4V)
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VSEL = GND or VCC
1
μA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
07-0096



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com