Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB10LP-AZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB10LP-AZLE
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10LP-AZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB10LP-AZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PI3USB10LP-A
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8858G
05/02/07
Capacitance (TA = 25°C, f = 1MHz)
Parameters(3)
Description
Test Conditions(1)
Typ.(2)
Max.
Units
CIN
Input Capacitance
VSEL = 0V
3.6
pF
COFF
Port I Capacitance, Switch OFF
3.0
CON
Switch Capacitance, Switch ON
5.5
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3.
This parameter is determined by device characterization but is not production tested.
Dynamic Electrical Characteristics Over the Operating Range
Parameters
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
RL = 50Ω, f = 250 MHz
–40
dB
OIRR
OFF Isolation
–34
BW
–3dB Bandwidth
RL = 50Ω
1,000
MHz
BW
–0.5dB Bandwidth
RL = 50Ω
270
MHz
Switching Characteristics
Parameters
Description
Test Conditions (1)
Min.
Typ.
Max.
Units
tPD
Propagation Delay(2,3)
See Test Circuit for
Electrical Charac-
teristics
0.25
ns
tPZH, tPZL
Line Enable Time - SEL to D(+/-), D(+/-)n
0.5
15.0
tPHZ, tPLZ
Line Disable Time - SEL to D(+/-), D(+/-)n
0.5
9.0
tSKC-C
Output skew, channel-to-channel(2)
3.5
14
ps
tSKb-b
Output skew, bit-to-bit (opposite transition of the same
output (tPHL-tPLH)(2)
7.5
20
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Guaranteed by design.
3.
The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the switch when used in a system is determined by
the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
07-0096



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com