Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB10LP-AZLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB10LP-AZLE
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10LP-AZLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB10LP-AZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB10LP-AZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8858G
05/02/07
Features
• USB 2.0 compliant (high speed and full speed)
• RON is 5.5Ω typical @ VCC = 3.0V
• Low bit-to-bit skew
• Low Crosstalk: –40dB @ 500 Mbps
• Off Isolation: –35dB @ 500 Mbps
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On Capacitance: 5.5pF
• VCC Operating Range: 2.7V to 4.2V ±10%
• Data pin I/O ESD: 12kV HBM protection per JESD22-A114D
specification
• 1,000 MHz Bandwidth
• I/O pins have over-voltage protection and can tolerate a short
to Vbus
• Packaging (Pb-free & Green):
• 10-contact UQFN (ZM10) (1.4x1.8)
• 10-contact TQFN (ZL10) (1.3X1.6)
Application
• Routes signals for USB 2.0
• Hand-held devices
Description
The PI3USB10LP-Ais a single differential channel 2:1 multiplexer/
demultiplexer USB 2.0 Switch. Industry leading advantages in-
clude a propagation delay of less than 250ps, resulting from its low
channel resistance and I/O capacitance. The device multiplexes
differential outputs from a USB Host device to one of two cor-
responding outputs. The switch is bidirectional and offers little
or no attenuation of the high-speed signals at the outputs. It is
designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as High
Speed USB 2.0 (480 Mb/s).
The PI3USB10LP-A offers overvoltage protection per the USB
2.0 specification. With the chip powered on or off, all I/O pins can
withstand a short to Vbus (5V +/-10%). This feature can only be
offered if a 100-ohm pull up resistor is placed between VCC pin
to the power supply.
Block Diagram
Pin Description (Top View)
PI3USB10LP-A
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
Truth Table
OE
SEL
Function
H
X
I/O's = Hi-Z
LL
D(+/-) to D(+/-)A
L
H
D(+/-) to D(+/-)B
OE
D-A
D+A
D-A
SEL
D+A
D+
D-
D-B
D+B
1
2
7
6
8
D-A
D+A
D+B
D-B
3
4
5
9
10
07-0096


Similar Part No. - PI3USB10LP-AZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB102 PERICOM-PI3USB102 Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102EZLE PERICOM-PI3USB102EZLE Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
More results

Similar Description - PI3USB10LP-AZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102 PERICOM-PI3USB102 Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com