Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5335 Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 9Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 10Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 11Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 12Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 13Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 14Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 15Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
13
Data Sheet
The S5335 is an off-the-shelf, low-cost, standard prod-
uct, which is PCI 2.1 compliant. And, since AMCC is a
member of the PCI Special Interest Group, the S5335
has been tested on various manufacturer’s PCI moth-
erboards, chip sets, PCI BIOSs and operating
systems. This removes the burden of compliance and
compatibility testing from the designer and thus signifi-
cantly reduces development time. Utilizing the S5335
allows the designer to focus on the actual application,
not debugging the PCI interface.
The S5335 allows special direct data accessing
between the PCI bus and the user application through
implementation of four definable Pass-Thru data chan-
nels. Each data channel is implemented by defining a
Host memory segment size and 8/16/32-bit user bus
width. The addition of two 32 byte FIFOs, also used in
S5335 Bus Mastering applications, provides further
versatility to data transfer capabilities. FIFO DMA
transfers are supported using Address and Transfer
Count Registers. Four 32-bit Mailbox Registers cou-
pled with a Status Register and extensive interrupt
capabilities provide flexible user command or mes-
sage transfers between the two buses. In addition, the
S5335 also allows use of an external serial, or byte-
wide non-volatile memory to perform any pre-boot ini-
tialization requirements and to provide custom
expansion BIOS or POST code capability.
S5335 ARCHITECTURE
The block diagram in Figure 2 above shows the major
functional elements within the S5335. The S5335 pro-
vides three physical bus interfaces: the PCI Local bus,
the user local bus referred to as the Add-On Local bus
and the optional serial and byte-wide non-volatile
memory buses. Data movement between buses can
take place through mailbox registers or the FIFO data
channel, or a user can define and enable one or more
of the four Pass-Thru data channels. S5335 Bus Mas-
ter or DMA data transfers to and from the PCI Local
bus are performed through the FIFO data channel
under either Host or Add-On software control or Add-
On hardware control using dedicated S5335 signal
pins.
The S5335 signal pins are shown in Figure 3. The PCI
Local Bus signals are detailed on the left side; Add-On
Local Bus signal are detailed on the right side. All
additional S5335 device control signals are shown on
the lower right side.
The S5335 supports a two wire serial nvRAM bus and
a byte-wide EPROM/FLASH bus. This allows the
designer to customize the S5335 configuration by
loading setup information on system power-up.
Figure 2. S5335 Pinout
S5335 Register Architecture
Control and configuration of the Add-On Local bus,
and the S5335 itself, is performed through three pri-
mary groups of registers. These groups consist of PCI
Configuration Registers, PCI Operation Registers and
Add-On Operation Registers. These registers are user
configurable through either their associated bus or
from an external non-volatile memory device. This
section will provide a brief overview of each of these
register groups and the optional non-volatile interface.
PCI Configuration Registers
All PCI compliant devices are required to provide a
group of Configuration Registers for the host system.
These registers are polled during power up initializa-
tion and contain specific device and add-in card
product information including Vendor ID, Device ID,
Revision and the amount of memory required for prod-
uct operation. The S5335 can either load these
registers with default values or initialize them from an
external non-volatile memory area called ‘Configura-
tion Space’. The S5335 can accommodate a total of
256 bytes of external memory for this purpose. The
first 64 bytes is reserved for user defined configuration
data which is loaded into the PCI Configuration Regis-
ters during power-up initialization. The remaining 192
bytes may be used to implement an Expansion BIOS
or contain add-in card POST code. Table 1 shows all
the S5335 PCI Configuration Registers.
Add-On Bus
Control
S5933 Register
Access
Pass-Thru
Control/Access
Serial Bus
Config/BIOS Opt.
PCI
Local
Bus
S5935
Control
Add-On
Data Bus
Direct FIFO
Access
Byte Wide
Config/BIOS Opt.
BPCLK
RDFIFO#
SYSRST#
IRQ#
WRFIFO#
DQ[31:0]
SELECT#
ADR[6:2]
BE[3:0]#
RD#
WR#
PTATN#
PTBURST#
PTNUM[1:0]#
PTBE[3:0]#
PTADR#
PTWR
PTRDY#
RDEMPTY
WRFULL
EA[15:0]
EQ[7:0]
EWR#/SDA
ERD#/SCL
PCLK
INTA#
RST#
AD[31:0]
C/BE[3:0]#
FRAME#
DEVSEL#
IRDY#
TRDY#
IDSEL#
STOP#
LOCK#
PAR
PERR#
SERR#
S5335
GNT#
REQ#
MODE
SNV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com