Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5335 Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 45Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 46Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 47Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 48Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 49Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 50Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 51Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 52Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
49
Data Sheet
Expansion ROM Base Address Register (XROM)
The expansion base address ROM register provides a
mechanism for assigning a space within physical
memory for an expansion ROM. Access from the PCI
bus to the memory space defined by this register will
cause one or more accesses to the S5335 controllers’
external BIOS ROM (or nvRAM) interface. Since PCI
bus accesses to the ROM may be 32 bits wide,
repeated operations to the ROM are generated by the
S5335 and the wider data is assembled internal to the
S5335 controller and then transferred to the PCI bus
by the S5335.
Figure 19. Expansion ROM Base Address Register
Register Name:
Expansion ROM Base Address
Address Offset:
30h
Power-up value:
00000000h
Boot-load:
External nvRAM offset 70h
Attribute:
bits 31:11, bit 0 Read/Write; bits 10:1
Read Only
Size:
32 bits
Table 41. Expansion ROM Base Address Register
Bit
Description
31:11
Expansion ROM Base Address Location. These bits are used to position the decoded region in memory space. Only
bits which return a 1 after being written as 1 are usable for this purpose. These bits are individually enabled by the
contents sourced from the external boot memory (EPROM or nvRAM). The desired size for the ROM memory is
determined by writing all ones to this register and then reading back the contents. The number of bits returned as
zeros, in order from least significant to most significant bit, indicates the size of the expansion ROM. This controller
limits the expansion ROM area to 64K bytes. The allowable returned values after all ones are written to this register
are shown in TTable 42.
10:1
Reserved. All zeros.
0
Address Decode Enable. The Expansion ROM address decoder is enabled or disabled with this bit. When this bit is
set, the decoder is enabled; when this bit is zero, the decoder is disabled. It is required that the PCI command regis-
ter also have the memory decode enabled for this bit to have an effect.
31
0
0
0
1
10
Bit
Value
Address Decode
Enable (RW)
0=Disabled
1=Enabled
Reserved (RO)
Programmable (R/W)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com