Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5335 Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 17Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 18Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 19Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 20Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 21Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 22Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 23Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 24Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
21
Data Sheet
Table 5. System Pins — PCI Local Bus
Signal
Type
Description
CLK
in
Clock. The rising edge of this signal is the reference upon which all other signals are based, with the
exception of RST# and the interrupt (IRQA#-). The maximum frequency for this signal is 33 MHz and the
minimum is DC (0 Hz).
RST#
in
Reset. This signal is used to bring all other signals within this device to a known, consistent state. All PCI
bus interface output signals are not driven (tri-stated), and open drain signals such as SERR# are floated.
Table 6. Interface Control Pins — PCI Bus Signal
Signal
Type
Description
FRAME#
s/t/s
Frame. This signal is driven by the current bus master and identifies both the beginning and duration of
a bus operation. When FRAME# is first asserted, it indicates that a bus transaction is beginning and
that valid addresses and a corresponding bus command are present on the AD[31:00] and C/BE[3:0]
lines. FRAME# remains asserted during the data transfer portion of a bus operation and is deasserted
to signify the final data phase.
IRDY#
s/t/s
Initiator Ready. This signal is sourced by the bus master and indicates that the bus master is able to
complete the current data phase of a bus transaction. For write operations, it indicates that valid data is
on the AD[31:00] pins. Wait states occur until both TRDY# and IRDY# are asserted together.
TRDY#
s/t/s
Target Ready. This signal is sourced by the selected target and indicates that the target is able to com-
plete the current data phase of a bus transaction. For read operations, it indicates that the target is pro-
viding valid data on the AD[31:00] pins. Wait states occur until both TRDY# and IRDY# are asserted
together.
STOP#
s/t/s
Stop. The Stop signal is sourced by the selected target and conveys a request to the bus master to stop
the current transaction.
LOCK#
in
Lock. The lock signal provides for the exclusive use of a resource. The S5335 may be locked as a tar-
get by one master at a time. The S5335 cannot lock a target when it is a master.
IDSEL
in
Initialization Device Select. This pin is used as a chip select during configuration read or write opera-
tions.
DEVSEL#
s/t/s
Device Select. This signal is sourced by an active target upon decoding that its address and bus com-
mands are valid. For bus masters, it indicates whether any device has decoded the current bus cycle.
Table 7. Arbitration Pins (Bus Masters Only) — PCI Local Bus
Signal
Type
Description
REQ#
out
Request. This signal is sourced by an agent wishing to become the bus master. It is a point-to-point signal
and each master has its own REQ#.
GNT#
in
Grant. The GNT# signal is a dedicated, point-to-point signal provided to each potential bus master and sig-
nifies that access to the bus has been granted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com