Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC667C Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC440SP-RNC667C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
PowerPC 440SP Embedded Processor
4
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Ordering and PVR Information
For information about the availability of the following parts, contact your local AMCC sales office.
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. See the PPC440SP Embedded Processor User’s Manual for details
about accessing these registers.
Note: Raid-enabled versions (Product Feature = R) require a RAID key license.
Figure 1. Order Part Number Key
Product Name
Order Part Number
(see Notes:)
Package
Rev
Level
PVR Value
JTAG ID
PPC440SP
PPC440SP-xpCfffC
29mm, 783 FC-PBGA
C
0x53221891
0x12056049
Notes:
1. x = Product Feature
A = RAID6 not enabled
R = RAID6 enabled
2. p = Module Package Type
F = leaded FC-PBGA
N = lead free FC-PGBA (RoHS compliant)
3. C = Chip Revision Level C
4. fff = Processor Frequency
533 = 533MHz
667 = 667MHz
5. C = Case Temperature Range of -40°C to +100°C
AMCC Part Number
PPC440SP-RNC667C
Package
Processor Speed
Product Feature
Revision Level
Case Temperature Range
Note: The example part number above is a RAID6-enabled, lead-free package, at Chip Revision
Level C, capable of running at 667 MHz, and is shipped in tray packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com