Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC667C Datasheet(PDF) 56 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Datasheet(HTML) 56 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 60Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
PowerPC 440SP Embedded Processor
56
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Table 6. Signal Functional Description (Sheet 1 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes
PCI-X0:2 Interfaces
PCIX0:1Ack64/PCIX0:1ECC1
Ack64 or ECC1.
Normally used as Ack64 indicating that the target can
transfer data using 64 bits.
or
Used as ECC1 for PCI-X mode 2.
I/O
3.3V PCI or
1.5V PCI for mode 2
4
PCIX0:1AD63:00
PCIX2AD31:00
Address/Data bus (bidirectional) for PCI-X0 and PCI-X1.
Address/Data bus (bidirectional) for PCI-X 2.
I/O
3.3V PCI or
1.5V PCI for mode 2
PCIX0:1BE7:0
PCIX2BE3:0
PCI-X Byte Enables for PCI-X0 and PCI-X1
.
PCI-X Byte Enables for PCI-X2
.
I/O
3.3V PCI or
1.5V PCI for mode 2
PCIX0:1CalG0:1
PCIX2CalG0
External calibration resistor pads (G) for PCI-X0:2 (one
pad for each 32-bit bus group).
Ina
PCIX0:1CalR0:1
PCIX2CalR0
External calibration resistor pads (R) for PCIX0:2 (one
pad for each 32-bit bus group).
Ina
PCIX0:2Cap
Capable of PCI-X operation.
This analog input is sampled to configure PCI and
determine the state of the PCIX0:2VC output signal:
0.00VDD (0.0V) = Conventional PCI & PCIX0:2VC = 0
0.49VDD (1.6V) = PCI-X DDR 266 Mode 2 &
PCIX0:2VC = 1
0.75VDD (2.5V) = PCI-X 66 & PCIX0:2VC = 0
1.00VDD (3.3V) = PCI-X 133 & PCIX0:2VC = 0
Ina
PCIX0:2Clk
Provides timing to the PCI interface for PCI transactions.
Note:If the PCI-X interface is not being used, drive this
pin with a 3.3V clock signal at a frequency
between 1 and 66MHz
I
3.3V PCI
PCIX0:2DevSel
Indicates the driving device has decoded its address as
the target of the current access.
I/O
3.3V PCI
4
PCIX0:2ECC5:2
PCIX2ECC1
PCIX2ECC6
ECC check bits 5–2. All ECC bits are valid only for PCIX
DDR mode 2.
Note:See PCIX0:2Par for ECC0.
See PCIX0:1Ack64 for ECC1.
See PCIX0:1Req64 for ECC6.
See PCIX0:1Par64 for ECC7.
I/O
3.3V PCI or
1.5V PCI for mode 2
PCIX0:2Frame
Driven by the current master to indicate beginning and
duration of an access.
I/O
3.3V PCI
4
PCIX0:2Gnt0:1
PCIX0:1Gnt2:3
Indicates that the specified agent is granted access to
the bus. When using an external PCI/PCI-X arbiter,
connect the external arbiter's Grant line to this signal.
I/O
3.3V PCI
4
PCIX0:2IDSel
Used as a chip select during configuration read and
write transactions.
I
3.3V PCI
5
PCIX0:2INTA
Level sensitive PCI interrupt.
O
3.3V PCI
PCIX0:2IRDY
Indicates initiating agent’s ability to complete the current
data phase of the transaction.
I/O
3.3V PCI
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com