Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC667C Datasheet(PDF) 54 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC667C Datasheet(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC667C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SP-RNC667C Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
PowerPC 440SP Embedded Processor
54
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Signal Description
The PPC440SP embedded controller is packaged in a 783-ball flip-chip plastic ball grid array (FC-PBGA). The
following table describes the package level pinout.
In the table “Signal Functional Description” on page 56, each I/O signal is listed along with a short description of its
function. Active-low signals (for example, RAS) are marked with an overline. Please see “Signals Listed
Alphabetically” on page 17 for the pin (ball) number to which each signal is assigned.
Table 5. Pin Summary
Group
No. of Pins
Signal pins, non-multiplexed
496
Signal pins, multiplexed
32
Total Signal Pins
528
AxVDD
2
APxVDD
3
AxGND
5
OVDD (3.3V I/Os)
15
PxVDD (3.3V-1.5V PCI)
31
SVDD G(2.5-1.8V SDRAM)
10
VDD (1.5V Logic)
47
GND
92
Total Power Pins
205
Reserved
50
Total Pins
783



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com