Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3JB266 Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3JB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266 Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266 Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
41
Revision 2.04 – September 7, 2007
Data Sheet
DC Electrical Characteristics
Parameter
Symbol
Typical
Maximum
Unit
Active Operating Current (VDD)–266MHz
IDD
300
610
mA
Active Operating Current (VDD)–333MHz
IDD
325
690
mA
Active Operating Current (VDD)–400MHz
IDD
355
770
mA
Active Operating Current (OVDD)IODD
45
200
mA
PLL VDD Input current
IPLL
16
23
mA
Active Operating Power–266 MHz
PDD
0.72
1.92
W
Active Operating Power–333MHz
PDD
0.76
2.07
W
Active Operating Power–400MHz
PDD
0.82
2.23
W
Note:
1. The maximum current and power values listed above are not guaranteed to be the highest obtainable. These values are dependent on
many factors including the type of applications running, clock rates, use of internal functional capabilities, external interface usage, case
temperature, and the power supply voltages. Your specific application can produce significantly different results. VDD (logic) current and
power are primarily dependent on the applications running and the use of internal chip functions (DMA, PCI, Ethernet, and so on). OVDD
(I/O) current and power are primarily dependent on the capacitive loading, frequency, and utilization of the external buses. The following
information provides details about the conditions under which the listed values were obtained:
a. In general, the values were measured using a PPC405GPr Evaluation Board with four PCI devices, an external bus master on
the
peripheral bus, and external wrap-back on the Ethernet port. For all CPU clock rates, PLB = 133.3MHz, OPB = PerClk = 66.6MHz,
PCI = SysClk = 33.3MHz.
b. Typical current and power are characterized at VDD = +1.8V, OVDD = +3.3V, and TC = +36°C while running various applications
under the Linux operating system.
c. Maximum current and power are characterized at VDD = +1.9V, OVDD = +3.6V, and TC = +85°C while running applications designed
to maximize CPU power consumption. An external PCI master heavily loads the PCI bus with transfers targeting SDRAM while the
internal DMA controller further increases SDRAM bus traffic.
2. AVDD should be derived from VDD using the following circuit:
VDD
C1
C2
C3
AVDD
L1
L1 – 2.2
μH SMT inductor (equivalent to MuRata
LQH3C2R2M34) or SMT chip ferrite bead (equivalent
to MuRata BLM31A700S)
C1 – 3.3
μF SMT tantalum
C2 – 0.1
μF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
C3 – 0.01
μF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
+
AGND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com