Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3JB266 Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3JB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266 Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266 Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 57Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
55
Revision 2.04 – September 7, 2007
Data Sheet
Revision Log
PCI Asynchronous Mode
Enable
Y3
ExtAck
Synchronous PCI Mode
0
Asynchronous Mode
1
External Bus Synchronous
Mode Enable 3
A22
GPIO3[TS1O]
Asynchronous Mode
0
Synchronous Mode
1
PCI Arbiter Enable 3
AF18
GPIO4[TS2O]
Internal Arbiter Disabled
0
Internal Arbiter Enabled
1
New Mode Enable
In Legacy mode the
PPC405GPr functions like the
PPC405GP.
If not strapped, the PPC405GPr
defaults to Legacy mode.
D20
GPIO24
Legacy (PPC405GP) mode
0
New (PPC405GPr) mode4
1
Flip Circuit Disable
(must be strapped low (0)
during initilization).
AB3
GPIO9[TrcClk]
Normal operation
0
Note:
1. The tune bits adjust parameters that control PLL jitter. The recommended values minimize jitter for the PLL implemented in the
PPC405GPr. These bits are shown for information only; and do not require modification except in special clocking circumstances such as
spread spectrum clocking. For details on the use of Spread Spectrum Clock Generators (SSCGs) with the PPC405GPr, visit the technical
documents area of the AMCC PowerPC web site.
2. Not all combinations of dividers produce valid operating configurations. Frequencies must be within the limits specified in “Clocking
Specifications” on page 43. Further requirements are detailed in the Clocking chapter of the PowerPC 405GPr Embedded Processor
User’s Manual.
3. Additional consideration must be given to pins that normally function as Trace signals. Improved design margin can be gained by using
three-state buffers instead of strapping resistors, and minimizing trace lengths and stubs.
4. The pull-up initialization strapping resistor must be 1k
Ω rather than 3kΩ in order to overcome the internal pull-down resistor.
Date
Contents of Modification
03/13/2003
400MHz part numbers and new power/current numbers
08/28/2003
Add new VDD values for 400MHz parts.
11/22/2004
Correct package drawings and add lead-free part numbers.
Add +105
°C temperature specification.
Add 1 ms. voltage ramp-up restriction.
12/02/2004
Update to AMCC format.
01/06/2005
Correct typographical error in 27mm package drawing.
08/29/2005
Add dashes back into PNs.
03/13/2007
Revise package drawings to add logo view.
Update AMCC address and copyright date on last page.
09/07/2007
Change TestEn signal from active low to active high.
Correct AMCC telephone numbers.
PPC405GPr New Mode Strapping Pin Assignments (Sheet 3 of 3)
Function
Option
Ball Strapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com