Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3JB266 Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3JB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266 Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266 Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
43
Revision 2.04 – September 7, 2007
Data Sheet
Clocking Waveform
Clocking Specifications
Symbol
Parameter
Min
Max
Units
CPU
PFC
Processor clock frequency
266.66/333.33/400
MHz
PTC
Processor clock period
3.75/3/2.5
ns
SysClk Input
SCFC
Clock input frequency
25
66.66
MHz
SCTC
Clock period
15
40
ns
SCTCS
Clock edge stability (phase jitter, cycle to cycle)
± 0.15
ns
SCTCH
Clock input high time
40% of nominal period
60% of nominal period
ns
SCTCL
Clock input low time
40% of nominal period
60% of nominal period
ns
Note: Input slew rate > 1V/ns between 0.8V and 2.0V
MemClkOut Output
MCOFC
Clock output frequency @ PFC = 266MHz
133.33
MHz
MCOTC
Clock period @ PFC = 266MHz
7.5
ns
MCOTCS
Clock edge stability (phase jitter, cycle to cycle)
± 0.2
ns
MCOTCH
Clock output high time
45% of nominal period
55% of nominal period
ns
MCOTCL
Clock output low time
45% of nominal period
55% of nominal period
ns
TrcClk Output
TCFC
Clock output frequency
PFC / 2
MHz
TCTC
Clock period
PTC x 2
ns
TCTCS
Clock edge stability (phase jitter, cycle to cycle)
± 0.2
ns
TCTCH
Clock output high time
45% of nominal period
55% of nominal period
ns
TCTCL
Clock output low time
45% of nominal period
55% of nominal period
ns
Other Clocks
VCOFC
VCO frequency
500
1000
MHz
VCOFC
VCO frequency @ PFC = 333MHz or 400MHz
500
1333
MHz
PLBFC
PLB frequency
133.33
MHz
OPBFC
OPB frequency
66.66
MHz
TCL
TCH
TC
2.0V
1.5V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com