Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE200C Datasheet(PDF) 22 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE200C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE200C Datasheet(HTML) 22 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE200C Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 26Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
22
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
PCIAD0
PCIAD1
PCIAD2
PCIAD3
PCIAD4
PCIAD5
PCIAD6
PCIAD7
PCIAD8
PCIAD9
PCIAD10
PCIAD11
PCIAD12
PCIAD13
PCIAD14
PCIAD15
PCIAD16
PCIAD17
PCIAD18
PCIAD19
PCIAD20
PCIAD21
PCIAD22
PCIAD23
PCIAD24
PCIAD25
PCIAD26
PCIAD27
PCIAD28
PCIAD29
PCIAD30
PCIAD31
B17
B15
B16
B18
A19
C15
C17
C18
C20
D19
A22
B22
D20
H13
M15
D21
G22
H22
G23
L22
M21
J23
M22
K23
N22
M16
T23
P22
N21
U22
R22
V22
A17
B16
C17
A18
D17
C18
B18
A20
B21
A23
D21
B22
B23
C22
C26
F25
K26
L23
M25
M23
N25
M26
N26
P24
R24
R23
P23
R25
T24
U26
T25
V26
PCI
Note: PCIAD31 is the most significant bit (msb) on this bus.
35
PCIC0[BE0]
PCIC1[BE1]
PCIC2[BE2]
PCIC3[BE3]
D16
C22
E23
P23
D19
F24
K24
R26
PCI
35
PCIClk
D17
B20
PCI
35
PCIDevSel
H20
H25
PCI
35
PCIFrame
H21
J24
PCI
35
PCIGnt0[Req]
PCIGnt1
PCIGnt2
PCIGnt3
PCIGnt4
PCIGnt5
W23
U23
B23
D23
K22
H23
U23
T23
F23
H26
N23
M24
PCI
35
PCIIDSel
M23
P26
PCI
35
PCIINT[PerWE]G13
C23
PCI
35
PCIIRDY
E22
J23
PCI
35
PCIParity
E21
E26
PCI
35
PCIPErr
D22
G25
PCI
35
PCIReq0[Gnt]
PCIReq1
PCIReq2
PCIReq3
PCIReq4
PCIReq5
D15
B21
B20
G16
F20
G21
C19
C21
B19
A24
G23
J25
PCI
35
PCIReset
K14
B24
PCI
35
PCISErr
G20
G24
PCI
35
PCIStop
C23
H23
PCI
35
PCITRDY
F21
G26
PCI
35
Signals Listed Alphabetically (Part 6 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com