Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE200C Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE200C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE200C Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC405GP-3BE200C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
5
Revision 2.03 – September 7, 2007
Data Sheet
Order Part Number Key
Part Number
PPC405GP-3BE266Cx
Package
Processor Speed
Grade 3 Reliability
Operational Case Temperature
Revision Level
Shipping Package
Blank = Tray
Z
= Tape and reel
(-40°C to +85°C)
Range
200MHz
266MHz
B: 35mm, 456 E-PBGA
D: 27mm, 456 E-PBGA
E: 25mm, 413 E-PBGA
133MHz
F: 35mm, 456 E-PBGA lead-free
K: 27mm, 456 E-PBGA lead-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com