Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE200C Datasheet(PDF) 46 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE200C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE200C Datasheet(HTML) 46 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE200C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GP-3BE200C Datasheet HTML 50Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
46
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with
operating conditions shown in the table “Recommended DC Operating
Conditions.” For all signals other than PCI signals, AC specifications are
characterized at OVDD = +3V and TC = +85°C with the 50pF test load
shown in the figure at right.
For PCI signals there are two different test load circuits, one for the rising
edge and one the falling edge as shown in the figures at right.
DC Electrical Characteristics
Parameter
Symbol
Typical
Maximum
Unit
Active Operating Current (VDD)–133MHz
IDD
TBD
TBD
mA
Active Operating Current (VDD)–200MHz
IDD
550
670
mA
Active Operating Current (VDD)–266 MHz
IDD
730
880
mA
Active Operating Current (OVDD)–133MHz
IODD
TBD
TBD
mA
Active Operating Current (OVDD)–200MHz
IODD
35
37
mA
Active Operating Current (OVDD)–266 MHz
IODD
37
40
mA
PLL VDD Input current
IPLL
16
23
mA
Active Operating Power–133MHz
PDD
TBD
TBD
W
Active Operating Power–200MHz
PDD
1.5
2.01
W
Active Operating Power–266MHz
PDD
2.0
2.61
W
Note:
1. Maximum power is characterized at VDD = +2.7V, OVDD = +3.6V, TC = +85°C, across the silicon process (worse case to best case),
while running an application designed to maximize power consumption. The specifications at 200MHz correspond to CPU = 200 MHz,
PLB = 100MHz, OPB = EBC = 50MHz, PCI = 33.3MHz. The specifications at 266MHz correspond to CPU = 266.6MHz, PLB
=133.3MHz, OPB = EBC = 66.6MHz, and PCI = 33.3MHz.
2. AVDD should be derived from VDD using the following circuit:
VDD
C1
C2
C3
AVDD
L1
L1 – 2.2
μH SMT inductor (equivalent to MuRata
LQH3C2R2M34) or SMT chip ferrite bead (equivalent
to MuRata BLM31A700S)
C1 – 3.3
μF SMT tantalum
C2 – 0.1
μF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
C3 – 0.01
μF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
+
AGND
GND
Output
Pin
50pF
All signals other
than PCI
Output
Pin
10pF
25
Ω
Output
Pin
10pF
25
Ω
OVDD
PCI Rising edge
PCI Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com