Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC466C Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC466C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466C Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC440GP-3CC466C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Part Number 440GP
Revision 1.07 – October 4, 2007
AMCC
1
440GP
Power PC 440GP Embedded Processor
Data Sheet
Features
•PowerPC® 440 processor core operating up to
500MHz with 32KB I- and D-caches
• On-chip 8 KB SRAM
• Selectable processor:bus clock ratios of 3:1, 4:1,
5:1, 5:2, 7:2
• Double Data Rate (DDR) Synchronous DRAM
(SDRAM) 32/64-bit interface operating up to
133MHz
• External Peripheral Bus for up to eight devices
with external mastering
• DMA support for external peripherals, internal
UART and memory
• PCI-X V1.0a interface (32 or 64 bits, up to
133MHz) with support for conventional PCI V2.2
• Two Ethernet 10/100Mbps half- or full-duplex
interfaces. Operational modes supported are MII
and RMII.
• Programmable Interrupt Controller supports
interrupts from a variety of sources.
• Programmable General Purpose Timers (GPT)
• Two serial ports (16750 compatible UART)
• Two IIC interfaces
• General Purpose I/O (GPIO) interface available
• JTAG interface for board level testing
• Internal Processor Local Bus (PLB) runs at DDR
SDRAM interface frequency
• Processor can boot from PCI memory
• Available in ceramic (RoHs and non-RoHS
compliant versions) and plastic packages.
Description
Designed specifically to address high-end embedded
applications, the PowerPC 440GP (PPC440GP)
provides a high-performance, low power solution that
interfaces to a wide range of peripherals by
incorporating on-chip power management features
and lower power dissipation.
This chip contains a high-performance RISC
processor core, DDR SDRAM controller,8KB SRAM,
PCI-X bus interface, Ethernet interfaces, control for
external ROM and peripherals, DMA with scatter-
gather support, serial ports, IIC interface, and general
purpose I/O.
Technology: CMOS SA-27E, 0.18
μm (0.11 L
eff)
Packages: 25mm, 552-ball Ceramic Ball Grid Array
(CBGA) or Plastic Ball Grid Array (PBGA) in standard
or RoHS compliant versions
Power (estimated): Less than:
4.0W in normal mode
1.0 W in sleep mode
Supply voltages required: 3.3V, 2.5V, 1.8V


Similar Part No. - PPC440GP-3CC466C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440GR-3PBFFFCX AMCC-PPC440GR-3PBFFFCX Datasheet
1Mb / 82P
Power PC 440GR Embedded Processor
PPC440GRX-NPAFFFTS AMCC-PPC440GRX-NPAFFFTS Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
PPC440GRX-SPAFFFTS AMCC-PPC440GRX-SPAFFFTS Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
PPC440GX-3CC533S AMCC-PPC440GX-3CC533S Datasheet
1Mb / 93P
Power PC 440GX Embedded Processor
PPC440GX-3CC667S AMCC-PPC440GX-3CC667S Datasheet
1Mb / 93P
Power PC 440GX Embedded Processor
More results

Similar Description - PPC440GP-3CC466C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GP AMCC-405GP Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
405GPR AMCC-405GPR Datasheet
1Mb / 57P
Power PC 405GPr Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
Power PC 440EP Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
Power PC 440GR Embedded Processor
440GX AMCC-440GX Datasheet
1Mb / 93P
Power PC 440GX Embedded Processor
logo
Beckhoff Automation Gmb...
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com