Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC466C Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC466C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466C Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC466C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
7
Revision 1.07 – October 4, 2007
Data Sheet
System Memory Address Map (Sheet 1 of 2)
Function
Sub Function
Start Address
End Address
Size
Local Memory1
DDR SDRAM
0 0000 0000
0 7FFF FFFF
2GB
SRAM
0 8000 0000
0 8000 1FFF
8KB
Reserve
0 8000 2000
0 FFFF FFFF
Internal Peripherals
EBC
1 0000 0000
1 3FFF FFFF
1GB
Reserved
1 4000 0000
1 4000 01FF
UART0
1 4000 0200
1 4000 0207
8B
Reserved
1 4000 0208
1 4000 02FF
UART1
1 4000 0300
1 4000 0307
8B
Reserved
1 4000 0308
1 4000 03FF
IIC0
1 4000 0400
1 4000 041F
32B
Reserved
1 4000 0420
1 4000 04FF
IIC1
1 4000 0500
1 4000 051F
32B
Reserved
1 4000 0520
1 4000 05FF
OPB Arbiter
1 4000 0600
1 4000 063F
64B
Reserved
1 4000 0640
1 4000 06FF
GPIO Controller
1 4000 0700
1 4000 077F
128B
Ethernet PHY ZMII
1 4000 0780
1 4000 078F
16B
Ethernet PHY GMII
1 4000 0790
1 4000 079F
16B
Reserved
1 4000 0790
1 4000 07FF
Ethernet 0 Controller
1 4000 0800
1 4000 08FF
256B
Ethernet 1 Controller
1 4000 0900
1 4000 09FF
256B
General Purpose Timer
1 4000 0A00
1 4000 0AFF
256B
Reserved
1 4000 0B00
1 EFFF FFFF
Expansion ROM2
1 F000 0000
1 FFDF FFFF
254MB
Boot ROM2, 3
1 FFE0 0000
1 FFFF FFFF
2MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com