Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC466C Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC466C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466C Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC466C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3CC466C Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
10
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
PowerPC 440 Processor Core
The PowerPC 440 processor core is designed for high-end applications: RAID controllers, routers, switches,
printers, set-top boxes, etc. It is the first processor core to implement the Book E PowerPC embedded architecture
and the first to use the 128-bit version of IBM’s on-chip CoreConnect Bus Architecture.
Features include:
• Up to 500MHz operation
• PowerPC Book E architecture
• 32KB I-cache, 32KB D-cache
• Three logical regions in D-cache: locked, transient, normal
• D-cache full line flush capability
• 41-bit virtual address, 36-bit (64GB) physical address
• Superscalar, out-of-order execution
• 7-stage pipeline
• 3 execution pipelines
• Dynamic branch prediction
• Memory management unit
- 64-entry, full associative, unified TLB
- Separate instruction and data micro-TLBs
- Storage attributes for write-through, cache-inhibited, guarded, and big or little endian
• Debug facilities
- Multiple instruction and data range breakpoints
- Data value compare
- Single step, branch, and trap events
- Non-invasive real-time trace interface
• 24 DSP instructions
- Single-cycle multiply and multiply-accumulate
- 32 x 32 integer multiply
- 16 x 16 -> 32-bit MAC
Internal Buses
The PowerPC 440GP features three IBM standard on-chip buses: the Processor Local Bus (PLB), the On-Chip
Peripheral Bus (OPB), and the Device Control Register Bus (DCR). The high performance, high bandwidth cores
such as the PowerPC 440 processor core, the DDR SDRAM memory controller, and the PCI-X bridge connect to
the PLB. The OPB hosts lower data rate peripherals. The daisy-chained DCR provides a lower bandwidth path for
passing status and control information between the processor core and the other on-chip cores.
Features include:
•PLB
- 128-bit implementation of the PLB architecture
- Separate and simultaneous read and write data paths
- 36-bit address
- Simultaneous control, address, and data phases
- Four levels of pipelining
- Byte enable capability supporting unaligned transfers
- 32- and 64-byte burst transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com