Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS50 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # HPS50
Description  HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

HPS50 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  HPS50 Datasheet HTML 1Page - Ashcroft, Inc. HPS50 Datasheet HTML 2Page - Ashcroft, Inc. HPS50 Datasheet HTML 3Page - Ashcroft, Inc. HPS50 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HPS High Purity Pressure Gauge with Reed Switch
50 mm Dial Size
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. 50-hps_gauge_w-switch_ds_RevA_02-10-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 4
3
STANDARD RANGES
psi
bar
MPa
V/60#
N1/4BR
NP1/P4MP
-
N1/6BR
NP1/P6MP
V/150#
N1/10BR
NP1/1MP
V/200#
-
-
-
N1/15BR
-
-
-
NP1/1P6MP
V/300#
N1/20BR
-
-
-
NP1/2P5MP
60#
4BR
P4MP
-
6BR
P6MP
100#
-
-
150#
10BR
1MP
200#
-
-
-
16BR
1P6MP
300#
-
-
-
25BR
2P5MP
500#
-
-
600#
40BR
4MP
-
60BR
6MP
1000#
-
-
1500#
100BR
10MP
2000#
-
-
-
160BR
16MP
3000#
-
-
-
250BR
25MP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com