Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS50 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # HPS50
Description  HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

HPS50 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  HPS50 Datasheet HTML 1Page - Ashcroft, Inc. HPS50 Datasheet HTML 2Page - Ashcroft, Inc. HPS50 Datasheet HTML 3Page - Ashcroft, Inc. HPS50 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HPS High Purity Pressure Gauge with Reed Switch
50 mm Dial Size
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. 50-hps_gauge_w-switch_ds_RevA_02-10-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 4
1
FEATURES
316L Stainless steel wetted parts
Helium leak tested to 1 x 10-8 scc/s
Cleaned in class 10,000 clean room
Polyethylene-sealed after nitrogen gas flushing
Packed in a Polyethylene-sealed bag after
nitrogen gas flushing
TYPICAL USES
High purity gas delivery systems
Gas sticks
Process gas analyzers
Semiconductor
Cylinder Cabinet
Exhaust gas for CVD and etching equipment
KEY BENEFITS
• Ultraclean design & packaging
• 100% Helium leak tested
• Serialized dial (7 digit)
SPECIFICATIONS
Accuracy:
Setting Accuracy:
±1.6% of span
±5.0% of span
Dial Sizes:
50 mm
Ranges:
0 to 60 psi, 0 to 3,000 psi
Surface Finish:
Tube and fitting < .38 μm Ra
Process Connection:
50 mm:
¼ Male or female VCR type (9⁄16-18UNF)
R ¼ Male, ¼ NPT Male
Process Conn. Location: Lower
Window Material:
Polycarbonate
Dial:
White face, aluminum
Pointer
Black, aluminum
Approvals:
RoHS
WETTED COMPONENTS
Bourdon Tube
Gland/Socket
Joints
316L SS
316L SS
Argon Arc Fully Welded
NON-WETTED COMPONENTS
Case
Window
304 SS
Polycarbonate
MIN/MAX TEMPERATURE LIMITS
PROCESS
-4 °F to 140 °F (-20 °C to 60 °C)
REED SWITCH SPECIFICATIONS
Power: 10 W
Maximum Voltage: 30V AC/DC
Maximum Current: 0.5A DC
Dead Band: Within 10% of span
HPS
50 mm dial size


Similar Part No. - HPS50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS50L-NNR-000-XXX ASTEC-HPS50L-NNR-000-XXX Datasheet
1Mb / 5P
350-1400 Watts
HPS50W-NNR-000-XXX ASTEC-HPS50W-NNR-000-XXX Datasheet
1Mb / 5P
350-1400 Watts
More results

Similar Description - HPS50

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35 Datasheet
2Mb / 7P
SMALL SIZE PRESSURE GAUGE
PG-35H COPAL-PG-35H Datasheet
2Mb / 10P
SMALL SIZE PRESSURE GAUGE
PS30 COPAL-PS30_16 Datasheet
744Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS6 COPAL-PS6_16 Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
logo
Greystone Energy System...
GLPSG GREYSTONE-GLPSG Datasheet
95Kb / 1P
GAUGE PRESSURE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com