Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS50 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # HPS50
Description  HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

HPS50 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  HPS50 Datasheet HTML 1Page - Ashcroft, Inc. HPS50 Datasheet HTML 2Page - Ashcroft, Inc. HPS50 Datasheet HTML 3Page - Ashcroft, Inc. HPS50 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HPS High Purity Pressure Gauge with Reed Switch
50 mm Dial Size
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. 50-hps_gauge_w-switch_ds_RevA_02-10-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 4
4
DIMENSIONS in [ } are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
0.55
[14]
WHITE - NC
BLACK - COM
RED - NO
SETTING POINTER
Ø 2.28
[58]
1.57
[40]
2.46
[62.5]
0.33
[8.5]
0.71
[18]
0.43
[11]
HEX
0.67
[17]
HEX
9/16-18 UNF
0.55
[14]
WHITE - NC
BLACK - COM
RED - NO
SETTING POINTER
1.57
[40]
Ø 2.28
[58]
0.43
[11]
HEX
0.71
[18]
2.46
[62.5]
0.33
[8.5]
0.75
[19.1]
HEX
9/16-18 UNF
VCR Male Process Connection
VCR Female Process Connection
Wiring Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com